Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25160-S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FM25160-S
Description  16Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM25160-S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FM25160-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 12Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 13Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ramtron
FM25160
12 May 2000
11/14
AC Parameters TA = -40
° C to + 85° C, VCC = 4.5V to 5.5V unless otherwise specified
Symbol
Parameter
Min
Max
Units
fCK
SCK Clock Frequency
0
2.1
MHz
tCH
Clock High Time
200
ns
tCL
Clock Low Time
200
ns
tCSU
Chip Select Setup
240
ns
tCSH
Chip Select Hold
240
ns
tOD
Output Disable
240
ns
tODV
Output Data Valid
200
ns
tOH
Output Hold
0
ns
tD
Deselect Time
240
ns
tR
Data Rise Time
2.0
µS
tF
Data Fall Time
2.0
µS
tH
Data Hold Time
100
ns
tSU
Data Setup Time
100
ns
tHS
/Hold Setup Time
90
ns
tHH
/Hold Hold Time
90
ns
tHZ
/Hold Low to Hi-Z
100
ns
tLZ
/Hold High to Data Active
100
ns
Notes
1.
Rise and fall times measured between 10% and 90% of waveform.
Capacitance TA = 25
° C , f=1.0 MHz, VCC = 5V
Symbol
Parameter
Max
Units
Notes
CO
Output capacitance (SDA)
8
pF
1
CI
Input capacitance
6
pF
1
Notes
1.
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
Input Pulse Levels
VCC * 0.1 to VCC * 0.9
Input rise and fall times
10 ns
Input and output timing levels
VCC*0.5
Equivalent AC Load Circuit


Similar Part No. - FM25160-S

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM2514 FUMAN-FM2514 Datasheet
132Kb / 4P
   USB charge controller
More results

Similar Description - FM25160-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com