Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS111x-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS111x-Q1
Description  Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS111x-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS111x-Q1 Datasheet HTML 7Page - Texas Instruments ADS111x-Q1 Datasheet HTML 8Page - Texas Instruments ADS111x-Q1 Datasheet HTML 9Page - Texas Instruments ADS111x-Q1 Datasheet HTML 10Page - Texas Instruments ADS111x-Q1 Datasheet HTML 11Page - Texas Instruments ADS111x-Q1 Datasheet HTML 12Page - Texas Instruments ADS111x-Q1 Datasheet HTML 13Page - Texas Instruments ADS111x-Q1 Datasheet HTML 14Page - Texas Instruments ADS111x-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
4
3
2
1
0
-1
2
3
4
-
-
-
-2.048
-1.024
0
1.024
2.048
Input Signal (V)
160
140
120
100
80
60
40
20
0
-3
3
Offset (LSBs)
-1
1
0
2
-2
30
25
20
15
10
5
0
Gain Error (%)
10
9
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-0.5 -0.4 -0.3
-0.2 -0.1
0
0.1
0.2
0.3
0.4
0.5
12
10
8
6
4
2
0
Input Voltage (V)
DR = 860 SPS
DR = 8 SPS
DR = 128 SPS
35
30
25
20
15
10
5
0
2.0
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
2.5
FSR = ±2.048 V
860 SPS
128 SPS
8 SPS
11
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
www.ti.com
SBAS563C – DECEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 3.3 V, FSR = ±2.048 V, DR = 8 SPS (unless otherwise noted)
FSR = ±0.512 V
Figure 14. Noise vs Input Signal
FSR = ±2.048 V
Figure 15. Noise vs Supply Voltage
FSR = ±2.048 V, DR = 8 SPS
Figure 16. Noise vs Temperature
FSR = ±2.048 V, 185 units
Figure 17. Gain Error Histogram
FSR = ±2.048 V, 185 units
Figure 18. Offset Histogram
Differential inputs; includes noise, offset and gain error
Figure 19. Total Error vs Input Signal


Similar Part No. - ADS111x-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS111X-Q1 TI-ADS111X-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results

Similar Description - ADS111x-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX1407 MAXIM-MAX1407 Datasheet
1Mb / 48P
   Low-Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC
19-2229; Rev 0; 10/01
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com