Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP423-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP423-Q1
Description  Remote and Local Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP423-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TMP423-Q1 Datasheet HTML 1Page - Texas Instruments TMP423-Q1 Datasheet HTML 2Page - Texas Instruments TMP423-Q1 Datasheet HTML 3Page - Texas Instruments TMP423-Q1 Datasheet HTML 4Page - Texas Instruments TMP423-Q1 Datasheet HTML 5Page - Texas Instruments TMP423-Q1 Datasheet HTML 6Page - Texas Instruments TMP423-Q1 Datasheet HTML 7Page - Texas Instruments TMP423-Q1 Datasheet HTML 8Page - Texas Instruments TMP423-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
2
3
4
8
7
6
5
V+
SCL
GND
DXP1
DXP2
DXP3
DXN
SDA
1
2
3
4
8
7
6
5
V+
SCL
GND
DX1
DX2
DX3
DX4
SDA
4
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
TMP422-Q1 DCN Package
8-Pin SOT-23
Top View
TMP422-Q1 Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
DX1
Analog input
Channel 1 remote temperature sensor connection pin.
Also sets the TMP422-Q1 address; see Table 4.
2
DX2
Analog input
Channel 1 remote temperature sensor connection pin.
Also sets the TMP422-Q1 address; see Table 4.
3
DX3
Analog input
Channel 2 remote temperature sensor connection pin.
Also sets the TMP422-Q1 address; see Table 4.
4
DX4
Analog input
Channel 2 remote temperature sensor connection pin.
Also sets the TMP422-Q1 address; see Table 4.
5
GND
Ground
Ground
6
SDA
Bidirectional digital input-output
Serial data line for SMBus, open-drain; requires pullup resistor to V+.
7
SCL
Digital input
Serial clock line for SMBus, open-drain; requires pullup resistor to V+.
8
V+
Power supply
Positive supply voltage (2.7 V to 5.5 V).
TMP423-Q1 DCN Package
8-Pin SOT-23
Top View
TMP423-Q1 Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
DXP1
Analog input
Channel 1 positive connection to remote temperature sensor
2
DXP2
Analog input
Channel 2 positive connection to remote temperature sensor
3
DXP3
Analog input
Channel 3 positive connection to remote temperature sensor
4
DXN
Analog input
Common negative connection to remote temperature sensors, channel 1, channel 2, and channel 3
5
GND
Ground
Ground
6
SDA
Bidirectional digital input-output
Serial data line for SMBus, open-drain; requires pullup resistor to V+
7
SCL
Digital input
Serial clock line for SMBus, open-drain; requires pullup resistor to V+
8
V+
Power supply
Positive supply voltage (2.7 V to 5.5 V)


Similar Part No. - TMP423-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP423 TI-TMP423 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP423 TI1-TMP423 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP423 TI1-TMP423 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP423A TI1-TMP423A Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP423AIDCNR TI-TMP423AIDCNR Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results

Similar Description - TMP423-Q1

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com