Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP411ADR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411ADR
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411ADR Datasheet(HTML) 4 Page - Texas Instruments

  TMP411ADR Datasheet HTML 1Page - Texas Instruments TMP411ADR Datasheet HTML 2Page - Texas Instruments TMP411ADR Datasheet HTML 3Page - Texas Instruments TMP411ADR Datasheet HTML 4Page - Texas Instruments TMP411ADR Datasheet HTML 5Page - Texas Instruments TMP411ADR Datasheet HTML 6Page - Texas Instruments TMP411ADR Datasheet HTML 7Page - Texas Instruments TMP411ADR Datasheet HTML 8Page - Texas Instruments TMP411ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = 5.0V, unless otherwise noted.
Figure 1.
3
2
1
0
−1
−2
−3
REMOTE TEMPERATURE ERROR
vs TMP411 AMBIENT TEMPERATURE
Ambient Temperature, T
A (_ C)
−50
−25
125
100
75
50
25
0
V
S =3.3V
T
DIODE =+25_ C (temperature at remote diode)
30 Typical Units Shown
η =1.008
Figure 2.
LOCAL TEMPERATURE ERROR
vs TMP411 AMBIENT TEMPERATURE
Ambient Temperature, T
A (_C)
3.0
2.0
1.0
0
−1.0
−2.0
−3.0
−50
125
−25
0
25
50
75
100
50 Units Shown
V
S =3.3V
60
40
20
0
−20
−40
−60
REMOTE TEMPERATURE ERROR
vs LEAKAGE RESISTANCE
Leakage Resistance (M
Ω)
0
5
10
15
20
25
30
R−GND
R−V
S
Figure 3.
Figure 4.
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
(Diode−Connected Transistor, 2N3906 PNP)
R
S (
Ω)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
03500
500
1000
1500
2000
2500
3000
V
S =2.7V
V
S =5.5V
(see Figure 11)
Figure 5.
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
(GND Collector−Connected Transistor, 2N3906 PNP)
R
S (
Ω)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
03500
500
1000
1500
2000
2500
3000
V
S =2.7V
V
S =5.5V
(see Figure 11)
3
2
1
0
−1
−2
−3
REMOTE TEMPERATURE ERROR
vs DIFFERENTIAL CAPACITANCE
Capacitance (nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 6.


Similar Part No. - TMP411ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411ADR TI-TMP411ADR Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411ADR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com