Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP411CDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411CDR
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411CDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP411CDR Datasheet HTML 5Page - Texas Instruments TMP411CDR Datasheet HTML 6Page - Texas Instruments TMP411CDR Datasheet HTML 7Page - Texas Instruments TMP411CDR Datasheet HTML 8Page - Texas Instruments TMP411CDR Datasheet HTML 9Page - Texas Instruments TMP411CDR Datasheet HTML 10Page - Texas Instruments TMP411CDR Datasheet HTML 11Page - Texas Instruments TMP411CDR Datasheet HTML 12Page - Texas Instruments TMP411CDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
9
Table 3. Register Map
POINTER
ADDRESS (HEX)
POWER-ON
RESET
BIT DESCRIPTIONS
READ
WRITE
RESET
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
REGISTER DESCRIPTIONS
00
NA(1)
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
Local Temperature (High Byte)
01
NA
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature
(High Byte)
02
NA
XX
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
Status Register
03
09
00
MASK1
SD
AL/TH
0
0
RANGE
0
0
Configuration Register
04
0A
08
0
0
0
0
R3
R2
R1
R0
Conversion Rate Register
05
0B
55
LTH11
LTH10
LTH9
LTH8
LTH7
LTH6
LTH5
LTH4
Local Temperature High Limit
(High Byte)
06
0C
00
LTL11
LTL10
LTL9
LTL8
LTL7
LTL6
LTL5
LTL4
Local Temperature Low Limit
(High Byte)
07
0D
55
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
Remote Temperature
High Limit (High Byte)
08
0E
00
RTL11
RTL10
RTL9
RTL8
RTL7
RTL6
RTL5
RTL4
Remote Temperature
Low Limit (High Byte)
NA
0F
XX
X(2)
X
X
X
X
X
X
X
One-Shot Start
10
NA
00
RT3
RT2
RT1
RT0
0
0
0
0
Remote Temperature
(Low Byte)
13
13
00
RTH3
RTH2
RTH1
RTH0
0
0
0
0
Remote Temperature
High Limit (Low Byte)
14
14
00
RTL3
RTL2
RTL1
RTL0
0
0
0
0
Remote Temperature
Low Limit (Low Byte)
15
NA
00
LT3
LT2
LT1
LT0
0
0
0
0
Local Temperature (Low Byte)
16
16
00
LTH3
LTH2
LTH1
LTH0
0
0
0
0
Local Temperature High Limit
(Low Byte)
17
17
00
LTL3
LTL2
LTL1
LTL0
0
0
0
0
Local Temperature Low Limit
(Low Byte)
18
18
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
N-factor Correction
19
19
55
RTHL11
RTHL10
RTHL9
RTHL8
RTHL7
RTHL6
RTHL5
RTHL4
Remote THERM Limit
1A
1A
1C
0
0
0
1
1
1
RES1
RES0
Resolution Register
20
20
55
LTHL11
LTHL10
LTHL9
LTHL8
LTHL7
LTHL6
LTHL5
LTHL4
Local THERM Limit
21
21
0A
TH11
TH10
TH9
TH8
TH7
TH6
TH5
TH4
THERM Hysteresis
22
22
81
TO_EN
0
0
0
C2
C1
C0
0
Consecutive Alert Register
30
30
FF
LMT11
LMT10
LMT9
LMT8
LMT7
LMT6
LMT5
LMT4
Local Temperature Minimum
(High Byte)
31
31
F0
LMT3
LMT2
LMT1
LMT0
0
0
0
0
Local Temperature Minimum
(Low Byte)
32
32
00
LXT11
LXT10
LXT9
LXT8
LXT7
LXT6
LXT5
LXT4
Local Temperature Maximum
(High Byte)
33
33
00
LXT3
LXT2
LXT1
LXT0
0
0
0
0
Local Temperature Maximum
(Low Byte)
34
34
FF
RMT11
RMT10
RMT9
RMT8
RMT7
RMT6
RMT5
RMT4
Remote Temperature Minimum
(High Byte)
35
35
F0
RMT3
RMT2
RMT1
RMT0
0
0
0
0
Remote Temperature Minimum
(Low Byte)
36
36
00
RXT11
RXT10
RXT9
RXT8
RXT7
RXT6
RXT5
RXT4
Remote Temperature
Maximum (High Byte)
37
37
00
RXT3
RXT2
RXT1
RXT0
0
0
0
0
Remote Temperature
Maximum (Low Byte)
NA
FC
XX
X(2)
X
X
X
X
X
X
X
Software Reset
FE
NA
55
0
1
0
1
0
1
0
1
Manufacturer ID
FF
NA
12
0
0
0
1
0
0
1
0
Device ID for TMP411A
FF
NA
13
0
0
0
1
0
0
1
1
Device ID for TMP411B
FF
NA
10
0
0
0
1
0
0
0
0
Device ID for TMP411C
(1) NA = not applicable; register is write- or read-only.
(2) X = indeterminate state.


Similar Part No. - TMP411CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411CDR TI-TMP411CDR Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CDRG4 TI-TMP411CDRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411CDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com