Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E300KR12E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # E300KR12E
Description  Ribbed construction aids in rapid cooling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

E300KR12E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  E300KR12E Datasheet HTML 1Page - Ohmite Mfg. Co. E300KR12E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
116
See website for
custom core info
Tolerance
F= 1%
H= 3%
J= 5%
K= 10%
(std.)
Ohms
Example:
R0200 = 0.02
R2000 = 0.2
2R500 = 2.5
10R00 = 10
Series
230 = Adjustable
280 = Fixed
480 = Silicone fixed
680 = Centohm fixed
Wattage &
Core Code
See “Core and
Terminal Selection”
Terminal Type
See “Resistor
Terminals for
Tubular Cores”
Tolerance
K = 10%
Ohms
example:
1R0 = 1Ω
250 = 250Ω
1K0 = 1,000Ω
25K = 25,000Ω
25K5 = 25,500Ω
RoHS Compliant
Series
C = Fixed
E = Adjustable
Wattage
Coating
Blank = Vitreous
C = Centohm
S = Silicone
280 Series
Corrib® Fixed and Adjustable
Vitreous Enamel Power
o R de R ing in F o R mation
Standard
Made-to-order
Core and Terminal Selection for Made to Order Type
1500
2.50”
1.75”
20.0”(508.00mm)
S
0.56 358 45
1000
(63.5mm)
(44.45mm)
15.0”(381.00mm)
S
0.41 258
750
12.0”(304.80mm)
S
0.31 198
380
6.0”(152.40mm)
S
0.13
78
550
1.625”
1.125”
11.75”(298.45mm)
R
0.21 133 45
500 (41.28mm)
(28.58mm) 10.50”(266.70mm)
R
0.19 117
400
8.5”(215.90mm)
R
0.14
91
270
1.50”
1.125”
5.0”(127.00mm)
Q
0.065 41 45
(38.10mm)
(28.58mm)
395
1.125”
0.75”
11.25”(285.75mm)
P
0.14
87 45
375 (28.58mm)
(19.05mm)
10.5”(266.70mm)
P
0.13
80
300
8.5”(215.90mm)
P
0.099 63
220
6.0”(152.40mm)
P
0.063 39
185
5.0”(127.00mm)
P
0.05
30
155
4.25”(107.95mm)
P
0.038 25
140
4.0”(101.6mm)
P
0.04
20
Free Air
Wattage
Rating D: OD
C: ID
L: Length
Code
for
Core
Dia. Min. Max.
Term.
Type
Core Dimensions
Ohms
Free Air
Wattage
Rating D: OD
C: ID
L: Length
Code
for
Core
Dia. Min. Max.
Term.
Type
Core Dimensions
Ohms
315
1.00”
0.625”
10.0”(254.00mm)
N
0.11
67
45
215 (25.40mm)
(15.88mm)
7.0”(177.60mm)
N
0.068 43
190
6.0”(152.40mm)
N
0.056 35
150
5.0”(127.00mm)
N
0.043 27
125
4.0”(101.60mm)
N
0.031 19
180
0.75”
0.50”
6.5”(165.10mm)
M
0.031 29
45
160 (19.05mm)
(12.70mm)
6.0”(152.40mm)
M
0.038 26
140
5.0”(127.00mm)
M
0.028 20
105
4.0”(101.60mm)
M
0.020 14
100
3.5”(88.90mm)
M
0.021 11
135
0.563”
0.313”
6.0”(152.40mm)
K
0.028 21
46
110 (14.30mm)
(7.95mm)
5.0”(127.00mm)
K
0.029 16
90
4.0”(101.60mm)
K
0.021 12
46
35
2.0”(50.80mm)
K
0.0097 0.11
35
0.563”
0.313”
2.0”(50.80mm)
K
0.12
5.6
40
(14.30mm)
(7.95mm)
Standard part numbers for 280 series
C300KR10E
C300KR12E
C300KR20E
C300KR25E
C300KR31E
C300KR40E
C300KR50E
C300KR63E
C300K1R0E
C300K1R2E
C300K1R6E
C300K2R0E
C300K2R5E
C300K3R1E
C300K4R0E
C300K5R0E
C300K6R3E
C300K8R0E
C300K10RE
C300K12RE
C300K16RE
C300K20RE
E300K10RE
E300K12RE
E300K16RE
E300K1R0E
E300K1R6E
E300K20RE
E300K2R0E
E300K2R5E
E300K3R1E
E300K4R0E
E300K5R0E
E300K6R3E
E300K8R0E
E300KR10E
E300KR12E
E300KR16E
E300KR20E
E300KR25E
E300KR31E
E300KR40E
E300KR50E
E300KR63E
E300KR80E
L
D
C
dimen S ion S
NOTE: Wattages above
750 watts come with
silicone coating.


Similar Part No. - E300KR12E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
E300KR10E OHMITE-E300KR10E Datasheet
134Kb / 1P
   Corrib Fixed and Adjustable Vitreous Enamel Power
More results

Similar Description - E300KR12E

ManufacturerPart #DatasheetDescription
logo
Bertech.
AFRB38 BERTECH-AFRB38 Datasheet
173Kb / 1P
   Anti Fatigue Mats – Ribbed Pattern
logo
ON Semiconductor
HPM10 ONSEMI-HPM10_16 Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
logo
Infineon Technologies A...
IDFW80C65D1 INFINEON-IDFW80C65D1 Datasheet
918Kb / 11P
   Emitter Controlled Rapid-1 Diode in Advanced Isolation
Revision 1.10 2022-06-24
logo
ON Semiconductor
R3920 ONSEMI-R3920_16 Datasheet
127Kb / 13P
   Preconfigured DSP System for Hearing Aids
September, 2016 ??Rev. 5
EZAIRO-8310 ONSEMI-EZAIRO-8310 Datasheet
236Kb / 17P
   Audio Processor for Digital Hearing Aids
December, 2023 - Rev. 0
logo
Bertech.
AFRB58 BERTECH-AFRB58 Datasheet
190Kb / 1P
   Anti Fatigue Mats – Ribbed Pattern
logo
Infineon Technologies A...
IDFW60C65D1 INFINEON-IDFW60C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Advanced Isolation Rapid Switching Emitter Controlled Diode in fully isolated package
V 2.2 2019-05-20
logo
NIC-Components Corp.
NCB0402P121TR010F NIC-NCB0402P121TR010F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
List of Unclassifed Man...
RSS50-150 ETC2-RSS50-150 Datasheet
361Kb / 1P
   HPS Rapid Restrike
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com