Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3121F-E2 Datasheet(PDF) 9 Page - Rohm

Part # BA3121F-E2
Description  Ground Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3121F-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BA3121F-E2 Datasheet HTML 5Page - Rohm BA3121F-E2 Datasheet HTML 6Page - Rohm BA3121F-E2 Datasheet HTML 7Page - Rohm BA3121F-E2 Datasheet HTML 8Page - Rohm BA3121F-E2 Datasheet HTML 9Page - Rohm BA3121F-E2 Datasheet HTML 10Page - Rohm BA3121F-E2 Datasheet HTML 11Page - Rohm BA3121F-E2 Datasheet HTML 12Page - Rohm BA3121F-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BA3121F
9/12
TSZ02201-0C2C0EZ00390-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
13.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Operational Notes
– continued
12.
Regarding the Input Pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them
isolated. P-N junctions are formed at the intersection of the P layers with the N layers of other elements, creating a
parasitic diode or transistor. For example (refer to figure below):
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Therefore, conditions that cause these diodes to
operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should be
avoided.
Figure 15. Example of monolithic IC structure
13.
The capacitors of Pin2 (VM1), and Pin 6 (VM2) should maintain the ratio of 2:1 for ripple rejection characteristics.
Maintaining this ratio will prevent the significant decrease on ripple rejection even if the capacitance is reduced to half.
14.
Setting the capacitor value to twice or half will make CMRR +6dB or -6dB respectively (Figure 10) in the low frequency
range.
N
N
P
+
P
N
N
P
+
P Substrate
GND
N
P
+
N
N
P
+
N P
P Substrate
GND
GND
Parasitic
Elements
Pin A
Pin A
Pin B
Pin B
B
C
E
Parasitic
Elements
GND
Parasitic
Elements
C
B
E
Transistor (NPN)
Resistor
N Region
close-by
Parasitic
Elements


Similar Part No. - BA3121F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
More results

Similar Description - BA3121F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121F ROHM-BA3121F_09 Datasheet
338Kb / 9P
   Ground Isolation Amplifier
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
logo
New Japan Radio
NJM2794 NJRC-NJM2794 Datasheet
177Kb / 11P
   Ground Noise Isolation Amplifier
logo
Shenzhenshi YONGFUKANG ...
D3121 YONGFUKANG-D3121 Datasheet
298Kb / 8P
   Ground isolation amplifier circuit
logo
NXP Semiconductors
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
logo
List of Unclassifed Man...
NJM2794RB2-TE1 ETC2-NJM2794RB2-TE1 Datasheet
210Kb / 11P
   Ground Noise Isolation Amplifier
logo
Rohm
BA3121F ROHM-BA3121F Datasheet
164Kb / 6P
   Ground isolation amplifier for car audio systems
logo
New Japan Radio
NJM2795 NJRC-NJM2795 Datasheet
129Kb / 6P
   Ground noise isolation Amplifier with Adjustable Differential Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com