Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3308F-E2 Datasheet(PDF) 6 Page - Rohm

Part # BA3308F-E2
Description  Preamps with Built-in ALC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3308F-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BA3308F-E2 Datasheet HTML 2Page - Rohm BA3308F-E2 Datasheet HTML 3Page - Rohm BA3308F-E2 Datasheet HTML 4Page - Rohm BA3308F-E2 Datasheet HTML 5Page - Rohm BA3308F-E2 Datasheet HTML 6Page - Rohm BA3308F-E2 Datasheet HTML 7Page - Rohm BA3308F-E2 Datasheet HTML 8Page - Rohm BA3308F-E2 Datasheet HTML 9Page - Rohm BA3308F-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Technical Note
6/9
BA3308F,BA3308FV
www.rohm.com
2012.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
2.
On playback
.
Since amplifier ch1 and ch2 are used as a NAB equalizer
amplifier at playback, a time constant circuit is established in
the
NF
section
(1-11pin,
7-10pin)
to
obtain
NAB
characteristics. The voltage gain at this time is determined by
the following formula:
GV = │R11+R9/ (│+j
ωC9・R9)│/R3
Obtain the necessary gain by regulating the (power-on pop
noise prevention) NAB time constant circuit in the same way
when regulating the gain at recording stage. The operating
point
of
the
output
stage
(1,7pin)
is
fixed
at
3VF.
Accordingly, even if VCC is raised to 5V or more, as in the
VMAX-VCC characteristic (Fig.13), the maximum output voltage
does not rise above 1.2V (Typ.). 4pin is grounded at playback
since ALC is not needed.
For better signal-to-noise ratio
characteristics at playback, don’t use R1 and R2, which are
attached to the input pin (13pin, 9pin).
Fig.7
A1
BA3308
2 (8)
10μF
0.027μF
39
1 (9)
3 (7)
5
INPUT
OUTPUT
R3
(R4)
C9
(C10)
(C6)
C5
10μF
(C2)
C1
100μF
(C4)
C3
R11
(R12)
4.3k
R9
(R10)
120k
13(9)
11(10)
1 (7)
4
Fig.16


Similar Part No. - BA3308F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308F-E2 ROHM-BA3308F-E2 Datasheet
344Kb / 10P
   Preamps with Built-in ALC
More results

Similar Description - BA3308F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308F ROHM-BA3308F_11 Datasheet
421Kb / 10P
   Preamps with Built-in ALC
BA3308F ROHM-BA3308F_10 Datasheet
344Kb / 10P
   Preamps with Built-in ALC
logo
Asahi Kasei Microsystem...
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Asahi Kasei Microsystem...
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
   Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121_15 Datasheet
217Kb / 5P
   Infrared detector modules with preamps
G7754-01 HAMAMATSU-G7754-01_15 Datasheet
178Kb / 3P
   Infrared detector modules with preamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com