Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3465FV Datasheet(PDF) 7 Page - Rohm

Part # BD3465FV
Description  General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3465FV Datasheet(HTML) 7 Page - Rohm

Back Button BD3465FV Datasheet HTML 3Page - Rohm BD3465FV Datasheet HTML 4Page - Rohm BD3465FV Datasheet HTML 5Page - Rohm BD3465FV Datasheet HTML 6Page - Rohm BD3465FV Datasheet HTML 7Page - Rohm BD3465FV Datasheet HTML 8Page - Rohm BD3465FV Datasheet HTML 9Page - Rohm BD3465FV Datasheet HTML 10Page - Rohm BD3465FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
BD3465FV
7/28
TSZ02201-0C2C0E100380-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Typical Performance Curves
– continued
Figure 7. Cross-Talk Between Channels vs Frequency
周波数特性
-120
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
Frequency : f [Hz]
Figure 8. Ripple Rejection Ratio vs Frequency
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
Frequency : f [Hz]
Figure 5. Volume Gain vs Frequency 1
(0dB to -40dB)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
100
1k
10k
100k
Frequency : f [Hz]
Figure 6. Volume Gain vs Frequency 2
(-41dB to -79dB)
-110
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
Frequency : f [Hz]


Similar Part No. - BD3465FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3465FV ROHM-BD3465FV Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
More results

Similar Description - BD3465FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
logo
Renesas Technology Corp
M61533FP RENESAS-M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Hitachi Semiconductor
REJ03F0059_M61533FP HITACHI-REJ03F0059_M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Renesas Technology Corp
M61530FP RENESAS-M61530FP Datasheet
346Kb / 19P
   4ch Electronic Volume with 5.1ch Analog Input
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com