Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD28412MUV Datasheet(PDF) 5 Page - Rohm

Part # BD28412MUV
Description  9W9W Analog Input Class D Speaker Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD28412MUV Datasheet(HTML) 5 Page - Rohm

  BD28412MUV Datasheet HTML 1Page - Rohm BD28412MUV Datasheet HTML 2Page - Rohm BD28412MUV Datasheet HTML 3Page - Rohm BD28412MUV Datasheet HTML 4Page - Rohm BD28412MUV Datasheet HTML 5Page - Rohm BD28412MUV Datasheet HTML 6Page - Rohm BD28412MUV Datasheet HTML 7Page - Rohm BD28412MUV Datasheet HTML 8Page - Rohm BD28412MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Datasheet
Datasheet
5/40
TSZ02201-0C1C0E900620-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
21.Sep.2016 Rev.003
www.rohm.com
TSZ22111 • 15 • 001
BD28412MUV
Pin Description – continued
31
PDX
I
Power down setting pin
H: Active
L: Standby
32
ERRORX
O
Error flag pin
Please connect to pull-up resistor.
H: Normal
L: Error detected
An error flag occurs when Output Short Protection, DC
Voltage Protection, or High Temperature Protection is
activated. This flag shows IC condition during operation.
The numerical value of internal equivalent circuit is typical value, not guaranteed value.
31
4
27
55kΩ
45kΩ
32
4
500Ω


Similar Part No. - BD28412MUV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Similar Description - BD28412MUV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9108NL RICHTEK-RT9108NL Datasheet
616Kb / 13P
   9W Stereo Class-D Audio Power Amplifier
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com