Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD28623MUV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD28623MUV-E2
Description  Class D Speaker Amplifier for Digital Input
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD28623MUV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD28623MUV-E2 Datasheet HTML 2Page - Rohm BD28623MUV-E2 Datasheet HTML 3Page - Rohm BD28623MUV-E2 Datasheet HTML 4Page - Rohm BD28623MUV-E2 Datasheet HTML 5Page - Rohm BD28623MUV-E2 Datasheet HTML 6Page - Rohm BD28623MUV-E2 Datasheet HTML 7Page - Rohm BD28623MUV-E2 Datasheet HTML 8Page - Rohm BD28623MUV-E2 Datasheet HTML 9Page - Rohm BD28623MUV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6/49
BD28623MUV
© 2015 ROHM Co., Ltd. All rights reserved.
20.May.2016 Rev.002
www.rohm.com
TSZ22111・15・001
TSZ02201-0C1C0E900290-1-2
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Conditions
Supply Voltage
(Note 1) (Note 2)
VCCMAX
-0.3 to +30
V
Pin10, 14, 20
Power Dissipation
Pd
2.21
(Note 3)
W
Please refer to Power
Dissipation for details.
3.56
(Note 4)
Input Voltage1
(Note 1)
VIN1
-0.3 to +3.7
V
Pin1-7
Terminal Voltage 1
(Note 1)
VPIN1
-0.3 to +7
V
Pin16, 17
Terminal Voltage 2
(Note 1) (Note 5-1)
VPIN2
-0.3 to +VCC
V
Pin8, 13, 19, 23
Terminal Voltage 3
(Note 1) (Note 5-2)
VPIN3
-0.3 to OUTxx+7
V
Pin9, 12, 18, 22
Open-drain Terminal Voltage
(Note 1)
VERR
-0.3 to +VCCMAX
V
Pin24
Operating Temperature Range
Topr
-25 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
+150
°C
(Note 1) Voltage that can be applied with reference to GND (Pin11, 15, 21).
(Note 2) Pd and Tjmax=150°C must not be exceeded.
(Note 3) 74.2mm×74.2mm×1.6mm, FR4, 4-layer glass epoxy board
(Top and bottom layer back copper foil size: 20.2mm
2, 2nd and 3rd layer back copper foil size: 5505mm2)
Derate by 17.7mW/°C when operating above Ta=25°C. The board is provided with thermal via.
(Note 4 74.2mm×74.2mm×1.6mm, FR4, 4-layer glass epoxy board
(Top and bottom layer back copper foil size: 5505mm
2)
Derate by 28.5mW/°C when operating above Ta=25°C. The board is provided with thermal via.
(Note 5-1) The chip should be used within AC peak limits at all conditions. Overshoot should be ≤30V with reference to GND.
Undershoot should be ≤10nsec and ≤30V with reference to VCC. (Please refer to figure 4-1.)
(Note 5-2) The chip should be used within AC peak limits at all conditions. Overshoot should be ≤OUTxx+7V with reference to OUTxx.
Undershoot should be ≤10nsec and ≤OUTxx+7V with reference to OUTxx. (Please refer to figure 4-2.)
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Figure 4-1
Figure 4-2
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
Conditions
Supply Voltage
(Note 1) (Note 2)
VCC
8.5 to 24
V
Pin10, 14, 20
Minimum Load Impedance
(Note 6)
RL
6.4
Ω
21V < VCC ≤ 24V
4.8
14V < VCC ≤ 21V
3.6
VCC ≤14V
(Note 6) Pd should not be exceeded.
GND
Vcc
≦10nsec
Overshoot to GND
30V (Max.)
Undershoot to Vcc
30V(Max.)
OUTxx
≦10nsec
Overshoot to OUTxx
7V (Max.)
Undershoot to OUTxx
7V(Max.)
BSPxx


Similar Part No. - BD28623MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
More results

Similar Description - BD28623MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5452AMUV ROHM-BD5452AMUV Datasheet
1Mb / 55P
   Class D Speaker Amplifier for Digital Input
BD5446EFV_101 ROHM-BD5446EFV_101 Datasheet
805Kb / 31P
   Class-D Speaker Amplifier for Digital Input
BD5451EFV_1106 ROHM-BD5451EFV_1106 Datasheet
694Kb / 35P
   Class-D Speaker Amplifier for Digital Input
BD5446EFV ROHM-BD5446EFV_11 Datasheet
804Kb / 32P
   Class-D Speaker Amplifier for Digital Input
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
   Digital Input Class D Speaker Amplifier
Rev 0; 3/15
logo
Rohm
BD5446EFV ROHM-BD5446EFV Datasheet
747Kb / 31P
   20W20W Class-D Speaker Amplifier for Digital Input
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
   Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
logo
Rohm
BM5446EFV ROHM-BM5446EFV_10 Datasheet
882Kb / 33P
   Class-D Speaker Amplifier for Digital Input with Built-in DSP
logo
New Japan Radio
NJU8752 NJRC-NJU8752 Datasheet
63Kb / 6P
   Analog Signal Input Class D Amplifier for Piezo Speaker
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com