Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD34602FS-ME2 Datasheet(PDF) 6 Page - Rohm

Part # BD34602FS-ME2
Description  6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD34602FS-ME2 Datasheet(HTML) 6 Page - Rohm

Back Button BD34602FS-ME2 Datasheet HTML 2Page - Rohm BD34602FS-ME2 Datasheet HTML 3Page - Rohm BD34602FS-ME2 Datasheet HTML 4Page - Rohm BD34602FS-ME2 Datasheet HTML 5Page - Rohm BD34602FS-ME2 Datasheet HTML 6Page - Rohm BD34602FS-ME2 Datasheet HTML 7Page - Rohm BD34602FS-ME2 Datasheet HTML 8Page - Rohm BD34602FS-ME2 Datasheet HTML 9Page - Rohm BD34602FS-ME2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6/29
Datasheet
Datasheet
BD34602FS-M
TSZ02201-0C2C0E100310-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
22.Oct.2015
Rev.001
www.rohm.com
TSZ22111・15・001
(Note) The measurement results of Figure 7 to Figure 11 used by 80kHz LPF.
Figure 8. Volume Gain vs Frequency
(Volume Gain = 0dB ~ -40dB)
Figure 9. Volume Gain vs Frequency
(Volume Gain = -40dB ~ -79dB)
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
10
100
1000
10000
100000
Frequency[Hz]
-82
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
10
100
1000
10000
100000
Frequency[Hz]
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
10
100
1000
10000
100000
Frequency[Hz]
-82
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
10
100
1000
10000
100000
Frequency[Hz]
1k
10k
100k
100
10
1k
10k
100k
100
10
1k
10k
100k
100
10
1k
10k
100k
100
10
Figure 10. EXT ATT Gain vs Frequency
(EXT ATT Gain = 0dB ~ -40dB)
Figure 11. EXT ATT Gain vs Frequency
(EXT ATT Gain = -40dB ~ -79dB)


Similar Part No. - BD34602FS-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS-E2 ROHM-BD3460FS-E2 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
More results

Similar Description - BD34602FS-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3830FS ROHM-BD3830FS Datasheet
240Kb / 6P
   SCF built-in audio sound processor for TV
BD3831FS ROHM-BD3831FS Datasheet
208Kb / 6P
   SCF built-in audio sound processor for TV
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
logo
Renesas Technology Corp
M61510AFP RENESAS-M61510AFP Datasheet
681Kb / 23P
   Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com