Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD34704KS2-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD34704KS2-E2
Description  7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD34704KS2-E2 Datasheet(HTML) 3 Page - Rohm

  BD34704KS2-E2 Datasheet HTML 1Page - Rohm BD34704KS2-E2 Datasheet HTML 2Page - Rohm BD34704KS2-E2 Datasheet HTML 3Page - Rohm BD34704KS2-E2 Datasheet HTML 4Page - Rohm BD34704KS2-E2 Datasheet HTML 5Page - Rohm BD34704KS2-E2 Datasheet HTML 6Page - Rohm BD34704KS2-E2 Datasheet HTML 7Page - Rohm BD34704KS2-E2 Datasheet HTML 8Page - Rohm BD34704KS2-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3/36
Datasheet
Datasheet
BD34704KS2
TSZ02201-0C2C0E100210-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.2.25 Rev.002
www.rohm.com
TSZ22111・15・001
Description of terminal
Terminal
Number
Symbol
Function
Terminal
Number
Symbol
Function
1
DA
Data and latch input terminal
41
INR9(SBRIN2)
Rch input terminal 9
2
CL
Clock input terminal
42
INL9(SBLIN2)
Lch input terminal 9
3
VCC
Positive power supply terminal
43
INR8
Rch input terminal 8
4
DGND
Digital ground terminal
44
INL8
Lch input terminal 8
5
VEE1
Negative power supply terminal 1
45
INR7
Rch input terminal 7
6
N.C.
No connect
46
INL7
Lch input terminal 7
7
VEE2
Negative power supply terminal 2
47
INR6
Rch input terminal 6
8
OUTFL
FLch Output terminal
48
INL6
Lch input terminal 6
9
N.C.
No connect
49
INR5
Rch input terminal 5
10
OUTFR
FRch Output terminal
50
INL5
Lch input terminal 5
11
N.C.
No connect
51
INR4
Rch input terminal 4
12
OUTSW
SWch Output terminal
52
INL4
Lch input terminal 4
13
N.C.
No connect
53
INR3
Rch input terminal 3
14
OUTC
Cch Output terminal
54
INL3
Lch input terminal 3
15
OUTSL
SLch Output terminal
55
INR2
Rch input terminal 2
16
OUTSR
SRch Output terminal
56
INL2
Lch input terminal 2
17
OUTSBL
SBLch Output terminal
57
INR1
Rch input terminal 1
18
OUTSBR
SBRch Output terminal
58
INL1
Lch input terminal 1
19
OUTPL
Lch PRE Output terminal
59
GND
Analog ground terminal
20
OUTPR
Rch PRE Output terminal
60
SBRIN
SBRch DSP input terminal
21
GND
Analog ground terminal
61
SBLIN
SBLch DSP input terminal
22
GND
Analog ground terminal
62
SRIN
SRch DSP input terminal
23
GND
Analog ground terminal
63
SLIN
SLch DSP input terminal
24
GND
Analog ground terminal
64
CIN
Cch DSP input terminal
25
GND
Analog ground terminal
65
SWIN
SWch DSP input terminal
26
GND
Analog ground terminal
66
FRIN
FRch DSP input terminal
27
GND
Analog ground terminal
67
FLIN
FLch DSP input terminal
28
SUBR
Rch SUB Output terminal
68
FRIN3
FRch DSP input terminal 3
29
SUBL
Lch SUB Output terminal
69
FLIN3
FLch DSP input terminal 3
30
RECR
Rch REC Output terminal
70
GND
Analog ground terminal
31
RECL
Lch REC Output terminal
71
ADCR
Rch ADC Output terminal
32
GND
Analog ground terminal
72
ADCL
Lch ADC Output terminal
33
INR12(FRIN2) Rch input terminal 12
73
GND
Analog ground terminal
34
INL12(FLIN2)
Lch input terminal 12
74
GND
Analog ground terminal
35
INR11(CIN2)
Rch input terminal 11
75
GND
Analog ground terminal
36
INL11(SWIN2) Lch input terminal 11
76
GND
Analog ground terminal
37
INR10(SRIN)
Rch input terminal 10
77
GND
Analog ground terminal
38
INL10(SLIN2)
Lch input terminal 10
78
GND
Analog ground terminal
39
GND
Analog ground terminal
79
GND
Analog ground terminal
40
N.C.
No connect
80
CHIP
Chip select terminal


Similar Part No. - BD34704KS2-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD34700FV ROHM-BD34700FV Datasheet
951Kb / 31P
   Micro-step volume can reduce the switching pop noise when volume changes
BD34701KS2 ROHM-BD34701KS2 Datasheet
1Mb / 32P
   7.1ch Sound Processor with Built-in Micro-step Volume
BD34701KS2-E2 ROHM-BD34701KS2-E2 Datasheet
1Mb / 32P
   7.1ch Sound Processor with Built-in Micro-step Volume
BD34705KS2 ROHM-BD34705KS2 Datasheet
1Mb / 39P
   Built-in 2ch Volume for ZONE output
More results

Similar Description - BD34704KS2-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD34701KS2 ROHM-BD34701KS2 Datasheet
1Mb / 32P
   7.1ch Sound Processor with Built-in Micro-step Volume
BD34602FS-M ROHM-BD34602FS-M Datasheet
1Mb / 33P
   6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
BD3452KS ROHM-BD3452KS_10 Datasheet
378Kb / 10P
   7.1ch Sound Processor
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3830FS ROHM-BD3830FS Datasheet
240Kb / 6P
   SCF built-in audio sound processor for TV
BD3831FS ROHM-BD3831FS Datasheet
208Kb / 6P
   SCF built-in audio sound processor for TV
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com