Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37503FV Datasheet(PDF) 5 Page - Rohm

Part # BD37503FV
Description  Sound processor with Built-in 2-band Equalizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37503FV Datasheet(HTML) 5 Page - Rohm

  BD37503FV Datasheet HTML 1Page - Rohm BD37503FV Datasheet HTML 2Page - Rohm BD37503FV Datasheet HTML 3Page - Rohm BD37503FV Datasheet HTML 4Page - Rohm BD37503FV Datasheet HTML 5Page - Rohm BD37503FV Datasheet HTML 6Page - Rohm BD37503FV Datasheet HTML 7Page - Rohm BD37503FV Datasheet HTML 8Page - Rohm BD37503FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/28
Datasheet
Datasheet
BD37503FV
TSZ02201-0V2V0E100000-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.07.12 Rev.002
www.rohm.co.jp
TSZ22111・15・001
Item
Symbol
Limit
Unit
Condition
MIN.
TYP.
MAX.
Maximum gain
GV MAX
-1.5
0
1.5
dB
Volume = 0dB
VIN=100mVrms
Gv=20log(VOUT/VIN)
Maximum attenuation *
GV MIN
-100
-85
dB
Volume = -∞dB
Gv=20log(VOUT/VIN)
BW = IHF-A
Attenuation set error
GV ERR1
-2
0
2
dB
ATT=0dB to -36dB
Maximum boost gain
GB BST
18
20
22
dB
Gain=+20dB f=100Hz
VIN=100mVrms
GB=20log (VOUT/VIN)
Maximum cut gain
GB CUT
-22
-20
-18
dB
Gain=-20dB f=100Hz
VIN=2Vrms
GB=20log (VOUT/VIN)
Gain set error
GB ERR
-2
0
2
dB
Gain=+20 to -20dB f=100Hz
Maximum boost gain
GT BST
18
20
22
dB
Gain=+20dB f=10kHz
VIN=100mVrms
GT=20log (VOUT/VIN)
Maximum cut gain
GT CUT
-22
-20
-18
dB
Gain=-20dB f=10kHz
VIN=2Vrms
GT=20log (VOUT/VIN)
Gain set error
GT ERR
-2
0
2
dB
Gain=+20 to -20dB f=10kHz
Maximum gain
GF BST
-2
0
2
dB
Gain=0dB
GF=20log(VOUT/VIN)
Maximum attenuation *
GF MIN
-100
-90
dB
Fader = -∞dB
GF=20log(VOUT/VIN)
BW = IHF-A
Attenuation set error 1
GF ERR1
-2
0
2
dB
ATT=-1 to -15dB
Attenuation set error 2
GF ERR2
-3
0
3
dB
ATT=-16 to -47dB
Attenuation set error 3
GF ERR3
-4
0
4
dB
ATT=-48 to -63dB
Output impedance
RO FAD
-
50
VIN=100mVrms
Maximum output voltage
VOM F
2
2.1
Vrms
THD+N=1%
BW=400-30KHz
Maximum gain
GLD MAX
13
15
17
dB
Gain=15dB
GLD=20log(VOUT/VIN)
BW=IHF-A
Gain set error
GLD ERR
-2
0
2
dB
Gain=0dB to -15dB
GLD=20log(VOUT/VIN)
Maximum gain
GOUT
MAX
4
6
8
dB
Gain +6dB
VIN=100mVrms
GOUT=20log(VOUT/VIN)
Gain set error
GOUT
ERR
-2
0
2
dB
Gain=0dB, +6dB
VP-9690A(Average value detection, effective value display) filter by Matsushita Communication is used for * measurement.
Phase between input / output is same.


Similar Part No. - BD37503FV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD375 FAIRCHILD-BD375 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
logo
Inchange Semiconductor ...
BD375 ISC-BD375 Datasheet
118Kb / 2P
   isc Silicon NPN Power Transistors
logo
Rohm
BD37511FS ROHM-BD37511FS Datasheet
111Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37511FS ROHM-BD37511FS Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS-E2 ROHM-BD37511FS-E2 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
More results

Similar Description - BD37503FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com