Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37515FS Datasheet(PDF) 1 Page - Rohm

Part # BD37515FS
Description  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37515FS Datasheet(HTML) 1 Page - Rohm

  BD37515FS_15 Datasheet HTML 1Page - Rohm BD37515FS_15 Datasheet HTML 2Page - Rohm BD37515FS_15 Datasheet HTML 3Page - Rohm BD37515FS_15 Datasheet HTML 4Page - Rohm BD37515FS_15 Datasheet HTML 5Page - Rohm BD37515FS_15 Datasheet HTML 6Page - Rohm BD37515FS_15 Datasheet HTML 7Page - Rohm BD37515FS_15 Datasheet HTML 8Page - Rohm BD37515FS_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/27
TSZ02201-0C2C0E100450-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
16.Dec.2015 Rev.001
Sound Processor with Built-in 2-band Equalizer
BD37515FS
General Description
BD37515FS is a sound processor with built-in 2-band
equalizer for car audio. The functions are 4ch stereo
input
selector,
input-gain
control,
main
volume,
loudness,
and
5ch
fader volume. Moreover,
its
“Advanced switch circuit”, which is an original ROHM
technology, can reduce various switching noise (ex.
No-signal, low frequency like 20Hz & large signal
inputs).
“Advanced
switch”
makes
control
of
microcomputer easier, supporting the construction of a
high quality car audio system.
Features
Reduce switching noise of input gain control, mute,
main volume, fader volume, bass, treble, loudness
by using advanced switch circuit.
Built-in
1
differential
input
selector
and
3
single-ended input selectors
Built-in ground isolation amplifier inputs, ideal for
external stereo input.
Built-in input gain controller reduces switching
noise for volume of a portable audio input.
Decrease the number of external components due
to
built-in
2-band
equalizer
filter,
LPF
for
subwoofer, and loudness filter. Also, it is possible
to control Q, Gv, fo of 2-band equalizer, fc of LPF
for subwoofer and Gv of loudness using I2C BUS
control.
It is possible to adjust the gain of the bass and
treble up to ±20dB with 1 dB step gain adjustment.
It is equipped with output terminals of Subwoofer.
Energy-saving design resulting in low current
consumption, by utilizing the Bi-CMOS process. It
has the advantage in quality over scaling down the
power heat control of the internal regulators.
Input terminals and output terminals are organized
and separately laid out to keep the signal flow in
one direction which results in simpler and smaller
PCB layout.
It is possible to control the I2C BUS by 3.3V / 5V.
Key Specifications
Power Supply Voltage Range:
7.0V to 9.5V
Circuit Current (No Signal):
38mA(Typ)
Total harmonic Distortion 1:
(FRONT,REAR)
0.001%(Typ)
Total Harmonic Distortion 2:
(SUBWOOFER)
0.002% (Typ)
Maximum Input Voltage:
2.3Vrms (Typ)
Cross-talk Between Selectors:
-100dB (Typ)
Volume Control Range:
+15dB to -79dB
Output Noise Voltage1:
(FRONT,REAR)
3.8µVrms (Typ)
Output Noise Voltage2:
(SUBWOOFER)
4.8µVrms (Typ)
Residual Output Noise voltage:
1.8µVrms (Typ)
Operating Temperature Range:
-40°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
Applications
It is optimal for use in car audio systems. It can also be
used for audio equipment of mini Compo, micro Compo,
TV, etc.
SSOP-A20
8.70mm x 7.80mm x 2.01mm
Datasheet
Datasheet


Similar Part No. - BD37515FS_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37515FS ROHM-BD37515FS Datasheet
114Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD37515FS_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com