Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37514FS-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD37514FS-E2
Description  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37514FS-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD37514FS-E2 Datasheet HTML 2Page - Rohm BD37514FS-E2 Datasheet HTML 3Page - Rohm BD37514FS-E2 Datasheet HTML 4Page - Rohm BD37514FS-E2 Datasheet HTML 5Page - Rohm BD37514FS-E2 Datasheet HTML 6Page - Rohm BD37514FS-E2 Datasheet HTML 7Page - Rohm BD37514FS-E2 Datasheet HTML 8Page - Rohm BD37514FS-E2 Datasheet HTML 9Page - Rohm BD37514FS-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
BD37514FS
6/27
TSZ02201-0C2C0E100440-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Typical Performance Curves
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Vout (V)
0.001
0.01
0.1
1
10
Output Voltage : VOUT [Vrms]
10kHz
1kHz
100Hz
Figure 2. Total Harmonic Distortion vs Output Voltage
Figure 1. Quiescent Current vs Supply Voltage
0
10
20
30
40
50
0
2
4
6
8
10
VCC[V]
Supply Voltage : VCC [V]
Figure 4. Bass Gain vs Frequency
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Frequency [Hz]
BASS GAIN : -20dB to +20dB
/1dB step
fo : 60Hz
Q : 0.5
-5
-4
-3
-2
-1
0
1
2
3
4
5
10
100
1k
10k
100k
Frequency (Hz)
Figure 3. Gain vs Frequency
Gain=0dB


Similar Part No. - BD37514FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37514FS ROHM-BD37514FS Datasheet
114Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD37514FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com