Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJPF07N65 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJPF07N65
Description  N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJPF07N65 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJPF07N65 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF07N65 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF07N65 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF07N65 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0123
4567
0
1
2
3
4
25
50
75
100
125
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
10
246
8
10
12
0
1
2
3
4
5
6
7
8
024
68
10
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
0
3
6
9
V
DS=10V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
T
a=25
I
D=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
J
( )
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
SD
I
S
——
T
a=100
T
a=25
Pulsed
I
D=3.7A
R
DS(ON)——
V
GS
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=100
T
a=25
T
a=25
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
V
GS=10V
Pulsed
V
GS=5.5V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS= 6V
8V、10V
V
GS=5V
V
GS=4.5V
www.cj-elec.com
3
C,Apr,2016


Similar Part No. - CJPF07N65

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJPF07N65 ZPSEMI-CJPF07N65 Datasheet
940Kb / 3P
   Plastic-Encapsulate MOSFETS
More results

Similar Description - CJPF07N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com