Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJPF55P30 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJPF55P30
Description  P-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJPF55P30 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJPF55P30 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF55P30 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF55P30 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF55P30 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-4
-5
-6
-7
-8
-9
-10
-1
-10
-100
25
50
75
100
125
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-0
-200
-400
-600
-800
-1000
-1200
-1E-3
-0.01
-0.1
-1
-10
-100
4.04.55.05.5
6.06.57.07.58.08.5
9.09.5
10.0
20
30
40
50
60
70
80
90
100
-5000
-10000
-15000
-20000
-25000
20
22
24
26
28
30
32
34
36
38
40
-0.1
-1
-10
-0.1
-1
-10
-100
-1000
T
J=175
V
DS=-25V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
J=25
I
D=-250uA
Threshold Voltage
JUNCTION TEMPERATURE T
J
( )
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(mV)
V
SD
I
S
——
T
a=100
T
a=25
Pulsed
I
D=-15A
R
DS(ON)——
V
GS
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=100
T
a=25
-500
T
a=25
Pulsed
DRAIN CURRENT I
D
(mA)
I
D
——
R
DS(ON)
V
GS=-10V
V
GS=-10.0V
V
GS=-8.0V
V
GS=-6.0V
V
GS=-5.5V
V
GS=-5.0V
Pulsed
V
GS=-4.5V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Typical Characteristics
www.cj-elec.com
3
C,May,2015


Similar Part No. - CJPF55P30

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJPF01N65B ZPSEMI-CJPF01N65B Datasheet
343Kb / 2P
   Plastic-Encapsulate MOSFETS
CJPF02N60 ZPSEMI-CJPF02N60 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJPF02N60 JIANGSU-CJPF02N60 Datasheet
1Mb / 4P
   N-Channel Power MOSFET
logo
ZP Semiconductor
CJPF02N65 ZPSEMI-CJPF02N65 Datasheet
920Kb / 3P
   Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJPF02N65 JIANGSU-CJPF02N65 Datasheet
2Mb / 4P
   N-Channel Power MOSFET
More results

Similar Description - CJPF55P30

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com