Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC1206T1004JET Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # HVC1206T1004JET
Description  Low temperature and voltage dependency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HVC1206T1004JET Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  HVC1206T1004JET Datasheet HTML 1Page - Ohmite Mfg. Co. HVC1206T1004JET Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
20
Serie S Specification S
Wattage1
Oper. Voltage (V)
Resistance
TCR2,3
VCR2
Series
Type
P70 (mW)
std. untrimmed (
≥5%)
Range
Tolerance
(ppm)
(ppm)
HVC0402---
0402
50
30
60
100k-100M
5-10%
50, 100
500
>100M-1G
5-20%
250, 500
1000
>1G-10G
10-30%
1000, 2000
2000
HVC0603---
0603
100
75
150
100k-100M
1-10%
50, 100
500
>100M-1G
5-20%
250, 500
1000
>1G-10G
5-20%
500, 1000
2000
HVC0805---
0805
125
200
400
100K-100M 0.5-10%
25, 50, 100
100
>100M-1G
2-20%
50, 100, 250
250
>1G-10G
5-20%
250, 500
500
>10G-100G 10-30%
1000, 2000
2000
HVC1206---
1206
250
600
1000
100K-100M 0.5-10%
25, 50, 100
50
>100M-1G
2-20%
50, 100, 250
100
>1G-10G
5-20%
50, 100, 250
250
>10G-100G 10-30% 250, 500, 1000
1000
HVC2512---
2512
1000
2000
3000
100K-100M 0.5-10%
25, 50, 100
10
>100M-1G
1-20%
25, 50, 100
25
>1G-10G
2-20%
25, 50, 100
50
>10G-100G
5-30%
100, 250, 500
100
HVC4020---
4020
1500
4000
6000
100k-100M 0.25-10%
25, 50, 100
5
>100M-1G 0.5-20%
25, 50, 100
10
>1G-10G
1-20%
25, 50, 100
10
>10G-100G
2-30%
50, 100, 250
50
>100G-1T
5-30%
250/500
250
1. At continuous power dissipation the dimensions of the solder pads have to be capable of sufficient heat conduction.
2. Not all TCR/VCR combinations available in all resistance values
3. HVC2512 and HVC4020 10M-10G TCR’s available: 10ppm and 15ppm
characteri S tic S
Operating temperature
range
-55°C ~ +155°C
Climatic category
55/155/56, acc. to EN 60068-1
Solderability
250°C, 3s, acc. to EN 60068-2-58
Max. soldering temperature
260°C, 10s, acc. to IEC 68-2-58
Long Term Stability
<1G
<10G ≥10G
Load Life 70°C/1000h <0.25% <0.5% <1%
Storage 125°C/1000h <0.5% <1% <2%
Max. Voltage/1000h
<0.5% <1% <2%
Data not specified according to EN 140401-802 (CECC 40401-802)
hVc Series
Precision High-Value High-voltage Wraparound Chip
f ea ture S
•Highvaluechipresistorsinthickfilmtechnology
•Lowtemperatureandvoltagedependency(lowTCRandVCR)
•Highworkingvoltageupto3000V
•Suitableforhighvacuumapplications—noorganics
•Contactareas:Nickel-barrier/mattetin
•Wraparoundterminals
100
Ambient Temperature,
°C
60
20
0
80
40
050
100
155
70
-55
Derating


Similar Part No. - HVC1206T1004JET

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HVC1206T1004JET OHMITE-HVC1206T1004JET Datasheet
238Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
HVC1206T1004JET OHMITE-HVC1206T1004JET Datasheet
330Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
More results

Similar Description - HVC1206T1004JET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
   LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
Analog Devices
TMP35 AD-TMP35 Datasheet
476Kb / 16P
   Low Voltage Temperature Sensors
REV. C
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_10 Datasheet
341Kb / 20P
   Low Voltage Temperature Sensors
Rev. F
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Maxim Integrated Produc...
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Micron Technology
MT28F1284W18 MICRON-MT28F1284W18 Datasheet
785Kb / 66P
   1.8V Low Voltage, Extended Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com