Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS200 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # IS200
Description  Pulse handling capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

IS200 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  IS200 Datasheet HTML 1Page - Ohmite Mfg. Co. IS200 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
136
I
S Series
Ultra Low Profile Power Resistors
Fea ture S
•Heatsinkable
•Lowprofile
•Highpower
•Pulsehandlingcapability
•Non-flammable
•Lowinductances
•Availablewithfast-onterminalsorwireleads
characteri S tic S
TCR
<250ppm (surface temp less than 150°C)
Maximum element
temperature
365°C
Working voltage
Not to exceed 300V
Over-voltage rating
5X rated power for up to for up to 1 second
Resistive element
Film
Derating
element surface temp. at 100% to 0% power
at 200°C surface temp.
Power rating
dependent on mounting and heatsink ther-
mal capacity
Hot spot surface
temperature
200°C max.
Pulsed load at full
pulse power rating
1,000 cycles
Max. 1%ΔR; (see Fig 1)
Mounted on a 0.06°C/W heatsink with
forced air cooling, air temperature 25°C (ref
AH32430 12" long)
Solder
Silver solder is recommended for IS Series
resistors. Leaching of the silver in the termi-
nation will occur if non-silver solder is used.
60/40 tin-lead solders are not recommended
for use with the IS Series product.
Screw torque
3.5 Nm
S erie S SP eci F icati ONS
Power Resistance
Rating
Range
Type (watts)
(Ω)
Tolerance
IS175 175 5Ω to 10KΩ 10%, 20%
IS200 200 5Ω to 10KΩ 10%, 20%
IS250 250 5Ω to 10KΩ 10%, 20%
IS270 270 5Ω to 10KΩ 10%, 20%
Derating
Construction
Resistor Surface Temp., C
250
0
50
100
150
200
40
0
60
80
120
20
100
Termination
Dielectric
Glass Overcoat
Resistive Glaze
Stainless Steel
u S e S
•Brakingresistors
•In-rushcurrentlimiter
•Bleederresistor
•Powerswitching
THIS PRODUCT IS
DESIGNED FOR USE WITH
PROPER HEATSINKING.
Maximumbaseplatetemperatureof
theresistormustbemonitoredand
keptwithinspecifiedlimitstoestab-
lishthepowerrating.Besttechnique
istoattachathermocoupletothe
sideofthebaseplateoftheresistor.
•Ruggedconstruction
•Ultralowprofilethick-
filmonsteel
•175Wto270Wsizes
•Singlefixingheatsink
mountable
•Softcharging
(continued)


Similar Part No. - IS200

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS200 OHMITE-IS200 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS200 OHMITE-IS200 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS200 OHMITE-IS200 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
More results

Similar Description - IS200

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
logo
TT Electronics.
PPS-1 TTELEC-PPS-1 Datasheet
473Kb / 3P
   Superior surge handling capability
logo
Pasternack Enterprises,...
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
logo
TT Electronics.
MRC TTELEC-MRC Datasheet
227Kb / 2P
   Superior surge handling capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com