Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS270 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # IS270
Description  Pulse handling capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

IS270 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  IS270 Datasheet HTML 1Page - Ohmite Mfg. Co. IS270 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
137
O r D eri NG i NFO r M ati ON
t er M i N ati ON O P ti ONS
I
S Series
Ultra Low Profile Power Resistors
IS200C47RKE
Tolerance
K = 10%
M= 20%
Resistance
3 digits
47R = 47
Termination
A = Tinned pad
B = Soldered lead
C = Fast on terminal
Wattage
175
200
250
270
RoHS
Compliant
Series
Insulated
Steel
D i M e NS i ONS
(in/mm)
Thickness: 0.050 in. ±.015 / 1.27mm
Type
Wattage L ±0.2mm
W ±0.2mm
ØD nom. Wt. nom (oz/g)
IS175
175 1.94/49.30 1.41/35.90 0.13/3.20 0.44/12.60
IS200
200 2.40/61.00 1.60/40.60 0.21/5.30 0.60/17.10
IS250
250 4.00/101.60 2.76/70.00 0.21/5.30 1.78/50.80
IS270
270 4.80/122.00 2.76/70.00 0.21/5.30 2.12/60.70
W
L
D
10" 14AWG
0.250"
0.032"
9mm
9mm
Solder pad only
SnAg (96S)
Flying leads
Push-on
connectors


Similar Part No. - IS270

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS270 OHMITE-IS270 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
IS270 OHMITE-IS270 Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
Toshiba Semiconductor
IS270 TOSHIBA-IS270 Datasheet
157Kb / 1P
   1W epoxy seal type
logo
List of Unclassifed Man...
IS2701-1 ETC-IS2701-1 Datasheet
655Kb / 6P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - IS270

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
logo
TT Electronics.
PPS-1 TTELEC-PPS-1 Datasheet
473Kb / 3P
   Superior surge handling capability
logo
Pasternack Enterprises,...
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
logo
TT Electronics.
MRC TTELEC-MRC Datasheet
227Kb / 2P
   Superior surge handling capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com