Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C100 Datasheet(PDF) 3 Page - Microchip Technology

Part # RE46C100
Description  Piezoelectric Horn Driver Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C100 Datasheet(HTML) 3 Page - Microchip Technology

  RE46C100_14 Datasheet HTML 1Page - Microchip Technology RE46C100_14 Datasheet HTML 2Page - Microchip Technology RE46C100_14 Datasheet HTML 3Page - Microchip Technology RE46C100_14 Datasheet HTML 4Page - Microchip Technology RE46C100_14 Datasheet HTML 5Page - Microchip Technology RE46C100_14 Datasheet HTML 6Page - Microchip Technology RE46C100_14 Datasheet HTML 7Page - Microchip Technology RE46C100_14 Datasheet HTML 8Page - Microchip Technology RE46C100_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2009-2014 Microchip Technology Inc.
DS20002166B-page 3
RE46C100
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage.............................................................. VDD =18V
Input Voltage Range Except FEED, TEST....... VIN = -0.3V to VDD +0.3V
FEED Input Voltage Range ........................... VINFD =-10 to +22V
Input Current except FEED .........................................IIN =10 mA
Operating Temperature......................................TA = -40 to +85°C
Storage Temperature ...................................TSTG = -55 to +125°C
Maximum Junction Temperature ............................... TJ = +150°C
† Notice:
Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operation listings of this specification is
not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
DC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA =+25°C, VDD =9V,
Typical Application.
Parameter
Symbol
Test
Pin
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
26
9
16
V
Operating
Supply Current
IDD1
2
100
nA
HRNEN = 0V, FEED = 0V
Input Voltage Low
VIL1
8—
1
V
Input Voltage High
VIH1
82.3
V
Input Leakage Low
IIL1
8—
-100
nA
VIN =VSS
ILFD
4
-50
µA
FEED = -10V
Input Leakage High
IIH1
8
100
nA
VIN =VDD
IHFD
4—
50
µA
FEED = 22V
Output Voltage Low
VOL1
6, 7
0.3
0.5
V
IOL =16mA
VOL2
6, 7
0.9
V
IOL =16 mA, VDD =7.2V
Output Voltage High
VOH1
6, 7
8.5
8.7
V
IOH=-16 mA
VOH2
6, 7
6.3
V
IOH =-16 mA, VDD =7.2V
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at TA =+25°C, VDD =9V,
Typical Application.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
+85
°C
Storage Temperature Range
TSTG
-55
+125
°C
Thermal Package Resistances
Thermal Resistance, 8L 2x3 DFN
θJA
—75
°C/W
Thermal Resistance, 8L-PDIP
θJA
89.3
°C/W
Thermal Resistance, 8L-SOIC
θJA
149.5
°C/W


Similar Part No. - RE46C100_14

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
More results

Similar Description - RE46C100_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver and LED Driver Circuit
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
   Piezoelectric Horn Driver and LED Driver Circuit
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com