Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C100 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C100
Description  Piezoelectric Horn Driver Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C100 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C100_14 Datasheet HTML 1Page - Microchip Technology RE46C100_14 Datasheet HTML 2Page - Microchip Technology RE46C100_14 Datasheet HTML 3Page - Microchip Technology RE46C100_14 Datasheet HTML 4Page - Microchip Technology RE46C100_14 Datasheet HTML 5Page - Microchip Technology RE46C100_14 Datasheet HTML 6Page - Microchip Technology RE46C100_14 Datasheet HTML 7Page - Microchip Technology RE46C100_14 Datasheet HTML 8Page - Microchip Technology RE46C100_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2009-2014 Microchip Technology Inc.
DS20002166B-page 1
RE46C100
Features:
• Low Quiescent Current (< 100 nA)
• Low Driver RON – 20typical at 9V
• Wide Operating Voltage Range
• Available in 8-pin DFN, PDIP and SOIC packages
General Description:
The RE46C100 devices are intended for applications
using a self oscillating piezoelectric horn, although it
can be used in direct drive applications. Feedback
control and a driver circuit are provided, as well as a
horn enable function.
The RE46C100 is intended for use in smoke detectors,
CO detectors, personal security products and
electronic toys.
Package Types
Functional Block Diagram
HRNEN
5
6
7
8
HORNS
VSS
HORNB
1
2
3
4
NC
NC
FEED
VDD
RE46C100
PDIP, SOIC
RE46C100
2x3 DFN*
* Includes Exposed Thermal Pad (EP); see Table 2-1.
NC
VDD
FEED
HORNS
HORNB
1
2
3
4
8
7
6
5 VSS
HRNEN
NC
EP
9
8
2
5
6
4
7
HRNEN
VDD
VSS
FEED
HORNS
HORNB
Piezoelectric Horn Driver Circuit


Similar Part No. - RE46C100_14

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
More results

Similar Description - RE46C100_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver and LED Driver Circuit
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
   Piezoelectric Horn Driver and LED Driver Circuit
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com