Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES-RW1-RW2 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RES-RW1-RW2
Description  Extremely low resistance and high precision tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-RW1-RW2 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RES-RW1-RW2 Datasheet HTML 1Page - Ohmite Mfg. Co. RES-RW1-RW2 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
17
RW1S0CK
RW2S0DK
L
0.425±.02 (10.8±0.5)
0.504±.02 (12.8±0.5)
W
0.244±.012 (6.2±0.3)
0.323±.012 (8.2±0.3)
t
0.083±.008 (2.1±0.2)
0.122±.008 (3.1±0.2)
a
0.118±.012 (3.0±0.3)
0.197±.012 (5.0±0.3)
b
0.031±.008 (0.8±0.2)
0.039±.008) (1.0±0.2)
c
0.055±.02 (1.4±0.5)
0.079±.02 (2.0±0.5)
d
0.047±.02 (1.2±0.5)
0.079±.02 (2.0±0.5)
e
0.051±.012 (1.3±0.3)
0.087±.012 (2.2±0.3)
f
0.051±.012 (1.3±0.3)
0.087±.012 (2.2±0.3)
g
0.197±.004 (5.0±0.1)
0.236±.004 (6.0±0.1)
h
0.098±.004 (2.5±0.1)
0.118±.004 (3.0±0.1)
j
0.39 (10.0)
0.47 (12.0)
k
0.08 (2.0)
0.09 (2.3)
m
0.04 (1.0)
0.05 (1.15)
n
0.12 (3.0)
0.21 (5.3)
o
0.24 (6.0)
0.31 (8.0)
p
0.20 (5.0)
0.24 (6.0)
q
0.06 (1.6)
0.09 (2.2)
r
0.08 (2.0)
0.13 (3.2)
s
0.04 (1.0)
0.06 (1.6)
t
W
L
Molded
Resin
Resistive
Element
Current
Electrode
Voltage
Electrode
e
f
a
b
h
g
d
c
c
Type &
Power Rating
RW1S0CK = 1 watt
RW2S0DK = 2 watt
Ohms
R005 = 0.005�
R050 = 0.05�
Packaging
T = tape and reel
(optional)
Tolerance
F = 1%
D = 0.5%
� � � � � � � � � � � � �
����
����������
Current
Sense
Resistor
Power Rating
(watts)
Ohms
10m ohms = 0.01�
Tolerance
F = 1%
D = 0.5%
The part itself will be
marked as follows:
RoHS Compliant
Standard Part Numbers for RW Series
Wattage:
1 watt
2 watt
Tolerance:
1%
0.5%
1%
Ohms
Series: RW1S0CK----FET
RW1S0CK----DET
RW2S0DK----FET
0.00500
RW1S0CKR005FET RW1S0CKR005DET RW2S0DKR005FET
0.01000
RW1S0CKR010FET RW1S0CKR010DET RW2S0DKR010FET
0.02500
RW1S0CKR025FET RW1S0CKR025DET RW2S0DKR025FET
0.05000
RW1S0CKR050FET RW1S0CKR050DET RW2S0DKR050FET
Land Pattern
Dimensions for reference only
n
j
o
m
k
p
q
r
s
RW1/RW2 Series
Surface Mount Four Terminal Current Sense
D i M e NS i ONS
(in./mm)
ORD e R i N g i NFORM ati ON


Similar Part No. - RES-RW1-RW2

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-RW OHMITE-RES-RW Datasheet
374Kb / 2P
   Wide Resistance Range
More results

Similar Description - RES-RW1-RW2

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SD22-210 BWTECH-SD22-210 Datasheet
745Kb / 2P
   Extremely low thermal resistance
RS1010F BWTECH-RS1010F Datasheet
140Kb / 4P
   Extremely low thermal resistance
RS1010FS BWTECH-RS1010FS Datasheet
166Kb / 4P
   Extremely low thermal resistance
logo
Shanghai Leiditech Elec...
MBR0520 LEIDITECH-MBR0520 Datasheet
602Kb / 2P
   Low Forward Voltage and Extremely Low Thermal Resistance
logo
IRC - a TT electronics ...
PLO5R020F IRCTT-PLO5R020F Datasheet
219Kb / 2P
   Extremely Low Resistance Power Wirewounds
LPW-351202F IRCTT-LPW-351202F Datasheet
202Kb / 2P
   Extremely Low Resistance Power Wirewounds
logo
HOKURIKU ELECTRIC INDUS...
ECR20 HOKURIKU-ECR20 Datasheet
150Kb / 1P
   Flat Type Extremely-Low Resistance Chip Resistor
E011402 HOKURIKU-E011402 Datasheet
150Kb / 1P
   Flat Type Extremely-Low Resistance Chip Resistor
logo
Coilcraft lnc.
DO3316P COILCRAFT-DO3316P_12 Datasheet
249Kb / 2P
   High energy storage and very low resistance, Most values available with 10% tolerance
logo
Samsung semiconductor
RC3216F512CS SAMSUNG-RC3216F512CS Datasheet
787Kb / 2P
   Circuit for high precision resistance and reliability.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com