Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAH20P3R30JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TAH20P3R30JE
Description  Frequency Conversion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TAH20P3R30JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TAH20P3R30JE Datasheet HTML 1Page - Ohmite Mfg. Co. TAH20P3R30JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
145
characteristics
tah series
20 Watt TO220 Package
Thick Film Power
Resistance Range 0.05Ω to 10KΩ, other values available upon
request
Tolerance <0.1Ω: 5% only
0.1Ω-1MΩ: 5% std.; 1% available
Temperature
Coefficient
Referenced to 25°C, ∆R taken at +105°C;
1 to 10Ω: ±(100ppm+0.002Ω)/°C
10Ω & up: ±50ppm/°C
Max Operating
Voltage
350V
Dielectric Strength 1,800 VAC
Power Rating 20W @ 25°C case temperature; see derating
curve, below
Insulation Resistance 10GΩ min.
Momentary Overload 2x rated power for 5 seconds where applied
voltage ≤1.5 times max. operating voltage.
∆R ±(0.3% + 0.001Ω) max.
Case Material KMC-125 epoxy
Terminal Material Copper
Terminal Plating Lead Free Solder (97% Tin, 3% Silver)
Mounting Requires the use of a snap-on style heat
sink. A thermal compound should be properly
applied.
Solder Process The TAH20 cannot exceed 260°C for more
than 10 seconds during soldering process.
Load Life MIL-R-39009, 2000 Hours
@ Rated Pwr
∆R = ±(1.0%
+ 0.001) Ω
Thermal Shock MIL-R-STD-202, Method
107, Cond. F
∆R = ±(0.3%
+ 0.001) Ω max
High Freq
Vibration
MIL-R-STD-202, Method
204, Cond. D
∆R = ±(0.2%
+ 0.001) Ω max
Terminal Strength MIL-R-STD-202, Method
211, Cond. A (Pull Test)
2.4N
∆R = ±(0.2%
+ 0.001) Ω max
Moisture
Resistance
MIL-R-STD-202, Method
106
∆R = ±(0.5%
+ 0.01) Ω max
Derating
175
100
Bottom of base plate Temperature,
°C
60
20
0
0
50
100
150
25
75
125
80
40
20/35
16/28
12/21
8/14
4/ 7
0
TAH/TCH
TCH
TAH
The TAH20 is a completely encapsulated
thick film resistor in the TO220 package
outline. Rated for 20 watts @ 25°C case
temperature, these resistors are elec-
trically isolated, and molded in a high
temperature case.
Designed for heat sink mounting,
the symmetrical package is ready for
use with snap-on style heat sinks (we
recommend use of thermal grease). The
TAH20 Series has very low inductance,
and available in a wide range of resis-
tance values in standard 5% tolerance.
1% tolerance available by special order.
Fea tures
• 20 Watt Power Rating at
25°C Case Temperature
• High Pulse Tolerant Design
• Quick-snap Molded Package
• Very Low Inductance Design
• Resistor Package Electrically
Isolated from Heat Sink
• Low Thermal Resistance to
Heat Sink @ RTH<6.25°C/W
• Tube Packaging Available
a pplica tions
• Frequency Conversion
• High Frequency Balancing
• Snubbers
(continued)


Similar Part No. - TAH20P3R30JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TAH20P3R30JE OHMITE-TAH20P3R30JE Datasheet
110Kb / 1P
   20 Watt TO220 Package Thick Film Power
More results

Similar Description - TAH20P3R30JE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8911 NSC-DS8911 Datasheet
182Kb / 10P
   Sound Up-Conversion Frequency Synthesizer
logo
Panasonic Semiconductor
2SK0065 PANASONIC-2SK0065 Datasheet
74Kb / 3P
   For Impedance Conversion In Low Frequency
2SK3426 PANASONIC-2SK3426 Datasheet
59Kb / 3P
   For Impedance Conversion In Low Frequency
logo
ON Semiconductor
CPH6074 ONSEMI-CPH6074 Datasheet
191Kb / 3P
   For VHF frequency conversion local oscillation
Jan-2011, Rev. 0
logo
Panasonic Semiconductor
2SK0123 PANASONIC-2SK0123 Datasheet
46Kb / 3P
   For Impedance Conversion In Low Frequency
logo
Sanyo Semicon Device
CPH6074 SANYO-CPH6074 Datasheet
254Kb / 3P
   For VHF frequency conversion, local oscillation
logo
DDK Ltd.
ADAPTER DDK-ADAPTER Datasheet
673Kb / 31P
   Conversion Connector
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
logo
Diodes Incorporated
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
   High Conversion Efficiency
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com