Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # LM4040
Description  Precision Micropower Shunt Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button LM4040_14 Datasheet HTML 4Page - Micrel Semiconductor LM4040_14 Datasheet HTML 5Page - Micrel Semiconductor LM4040_14 Datasheet HTML 6Page - Micrel Semiconductor LM4040_14 Datasheet HTML 7Page - Micrel Semiconductor LM4040_14 Datasheet HTML 8Page - Micrel Semiconductor LM4040_14 Datasheet HTML 9Page - Micrel Semiconductor LM4040_14 Datasheet HTML 10Page - Micrel Semiconductor LM4040_14 Datasheet HTML 11Page - Micrel Semiconductor LM4040_14 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Micrel, Inc.
LM4040/LM4041
June 24, 2014
8
Revision 3.0
LM4041-ADJ Electrical Characteristics
(5)
TA = Operating Temperature Range, bold values indicate TA = TJ = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
LM4041C
VR
Reverse Breakdown Voltage
IR = 100µA, VOUT = 5V
1.233
V
Reverse Breakdown Voltage
Tolerance
(6)
IR = 100µA
±6.2
mV
±14
mV
IRMIN
Minimum Operating Current
45
60
µA
65
µA
ΔVREF/
ΔIR
Reference Voltage Change with
Operating Current
IRMIN ≤ IR ≤ 1mA, VOUT ≥ 1.6V
(7)
0.7
1.5
mV
2.0
mV
1mA
≤ IR ≤ 15mA, VOUT ≥ 1.6V
(7)
2.0
4.0
mV
6.0
mV
ΔVREF/
ΔVO
Reference Voltage Change with
Output Voltage Change
IR = 1mA
-1.55
-2.0
mV/V
-2.5
mV/V
IFB
Feedback Current
60
100
nA
120
nA
ΔVREF/ΔT
Average Reference Voltage
Temperature Coefficient
VOUT = 5V, IR = 10mA
±20
ppm/°C
VOUT = 5V, IR = 1mA
±15
±100
ppm/°C
VOUT = 5V, IR = 100µA
±15
ppm/°C
ZOUT
Dynamic Output Impedance
IR = 1mA, f = 120Hz, IAC = 0.1IR
VOUT = VREF
0.3
VOUT = 10V
2.0
eN
Wideband Noise
IR = 100µA, 10Hz ≤ f ≤ 10kHz
20
µVRMS
ΔVR
Reverse Breakdown Voltage
Long Term Stability
t = 1000hrs, T = 25°C ±0.1°C, IR = 100µA
120
ppm
Note:
7.
When VOUT ≤ 1.6V, the LM4041-ADJ must operate at reduced IR. This is caused by the series resistance of the die attach between the die (-) output
and the package (-
) output pin. See the Output Saturation curve in the “Typical Performance Characteristics” section.


Similar Part No. - LM4040_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040A10 TI1-LM4040A10 Datasheet
975Kb / 55P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10IDBZR TI-LM4040A10IDBZR Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Vishay Siliconix
LM4040A10IDBZR VISHAY-LM4040A10IDBZR Datasheet
574Kb / 51P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040A10IDBZR TI-LM4040A10IDBZR Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4040_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com