Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040DYM3-2.5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # LM4040DYM3-2.5
Description  Precision Micropower Shunt Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040DYM3-2.5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button LM4040DYM3-2.5 Datasheet HTML 2Page - Micrel Semiconductor LM4040DYM3-2.5 Datasheet HTML 3Page - Micrel Semiconductor LM4040DYM3-2.5 Datasheet HTML 4Page - Micrel Semiconductor LM4040DYM3-2.5 Datasheet HTML 5Page - Micrel Semiconductor LM4040DYM3-2.5 Datasheet HTML 6Page - Micrel Semiconductor LM4040DYM3-2.5 Datasheet HTML 7Page - Micrel Semiconductor LM4040DYM3-2.5 Datasheet HTML 8Page - Micrel Semiconductor LM4040DYM3-2.5 Datasheet HTML 9Page - Micrel Semiconductor LM4040DYM3-2.5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Micrel, Inc.
LM4040/LM4041
June 24, 2014
6
Revision 3.0
LM4040-5.0 Electrical Characteristics
(5) (Continued)
TA = Operating Temperature Range, bold values indicate TA = TJ = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
LM4040D
VR
Reverse Breakdown Voltage
IR = 100µA
5.000
V
Reverse Breakdown Voltage
Tolerance
(6)
±50
mV
±99
mV
IRMIN
Minimum Operating Current
54
79
µA
85
µA
ΔVR/ΔT
Average Reverse Breakdown
Voltage Temperature
Coefficient
IR = 10mA
±30
ppm/°C
IR = 1mA
±20
±150
ppm/°C
IR = 100µA
±20
ppm/°C
ΔVR/ΔIR
Reverse Breakdown Voltage
Change with Operating Current
Change
IRMIN ≤ IR ≤1mA
0.5
1.3
mV
1.8
mV
1mA
≤ IR ≤ 15mA
3.5
10.0
mV
15.0
mV
ZR
Reverse Dynamic Impedance
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.5
1.5
eN
Wideband Noise
IR = 100µA, 10Hz ≤ f ≤ 10kHz
80
µVRMS
ΔVR
Reverse Breakdown Voltage
Long Term Stability
t = 1000hrs., T = 25°C ±0.1°C, IR = 100µA
120
ppm
LM4041-1.2 Electrical Characteristics
(5)
TA = Operating Temperature Range, bold values indicate TA = TJ = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
LM4041C
VR
Reverse Breakdown Voltage
IR = 100µA
1.225
V
Reverse Breakdown Voltage
Tolerance
(6)
±6
mV
±14
mV
IRMIN
Minimum Operating Current
45
60
µA
65
µA
ΔVR/ΔT
Average Reverse Breakdown
Voltage Temperature
Coefficient
IR = 10mA
±20
ppm/°C
IR = 1mA
±15
±100
ppm/°C
IR = 100µA
±15
ppm/°C
ΔVR/ΔIR
Reverse Breakdown Voltage
Change with Operating Current
Change
IRMIN ≤ IR ≤1mA
0.7
1.5
mV
2.0
mV
1mA
≤ IR ≤ 15mA
4.0
6.0
mV
8.0
mV
ZR
Reverse Dynamic Impedance
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.5
1.5
eN
Wideband Noise
IR = 100µA, 10Hz ≤ f ≤ 10kHz
20
µVRMS
ΔVR
Reverse Breakdown Voltage
Long Term Stability
t = 1000hrs., T = 25°C ±0.1°C, IR = 100µA
120
ppm


Similar Part No. - LM4040DYM3-2.5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM4040DYM3-2.5TR MICREL-LM4040DYM3-2.5TR Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040DYM3-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com