Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2936-50 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2936-50
Description  Ultra-Low Quiescent Current 5V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936-50 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2936-50 Datasheet HTML 1Page - National Semiconductor (TI) LM2936-50 Datasheet HTML 2Page - National Semiconductor (TI) LM2936-50 Datasheet HTML 3Page - National Semiconductor (TI) LM2936-50 Datasheet HTML 4Page - National Semiconductor (TI) LM2936-50 Datasheet HTML 5Page - National Semiconductor (TI) LM2936-50 Datasheet HTML 6Page - National Semiconductor (TI) LM2936-50 Datasheet HTML 7Page - National Semiconductor (TI) LM2936-50 Datasheet HTML 8Page - National Semiconductor (TI) LM2936-50 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2936-5.0
Ultra-Low Quiescent Current 5V Regulator
General Description
The LM2936 ultra-low quiescent current regulator features
low dropout voltage and low current in the standby mode.
With less than 15 µA quiescent current at a 100 µA load, the
LM2936 is ideally suited for automotive and other battery op-
erated systems. The LM2936 retains all of the features that
are common to low dropout regulators including a low drop-
out PNP pass device, short circuit protection, reverse battery
protection, and thermal shutdown. The LM2936 has a 40V
maximum operating voltage limit, a −40˚C to +125˚C operat-
ing temperature range, and ±3% output voltage tolerance
over the entire output current, input voltage, and tempera-
ture range. The LM2936 is available in a TO-92 package, a
SO-8 surface mount package, and a TO-252 surface mount
power package.
Features
n
Ultra low quiescent current (I
Q ≤ 15 µA for IO ≤ 100 µA)
n
Fixed 5V, 50 mA output
n
Output tolerance ±3% over line, load, and temperature
n
Dropout voltage typically 200 mV @ I
O = 50 mA
n
Reverse battery protection
n
−50V reverse transient protection
n
Internal short circuit current limit
n
Internal thermal shutdown protection
n
40V operating voltage limit
Typical Application
Connection Diagrams
DS009759-1
* Required if regulator is located more than 2" from power supply filter capacitor.
** Required for stability. Must be rated for 10 µF minimum over intended operating temperature range. Effective series resistance (ESR) is critical, see
curve. Locate capacitor as close as possible to the regulator output and ground pins. Capacitance may be increased without bound.
TO-252
DS009759-25
Top View
Order Number LM2936DT-5.0
See NS Package Number TD03B
SOT-223
DS009759-26
Top View
Order Number LM2936MP-5.0
See NS Package Number MA04A
February 2000
© 2000 National Semiconductor Corporation
DS009759
www.national.com


Similar Part No. - LM2936-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
logo
Texas Instruments
LM2936-5.0EP TI1-LM2936-5.0EP Datasheet
512Kb / 16P
[Old version datasheet]   LM2936-5.0EP Enhanced Plastic Ultra-Low Quiescent Current 5V Regulator
More results

Similar Description - LM2936-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
logo
Texas Instruments
LM2936-5.0EP TI1-LM2936-5.0EP Datasheet
512Kb / 16P
[Old version datasheet]   LM2936-5.0EP Enhanced Plastic Ultra-Low Quiescent Current 5V Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
National Semiconductor ...
LM2936-33 NSC-LM2936-33 Datasheet
295Kb / 10P
   Ultra-Low Quiescent Current 3.3V Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
National Semiconductor ...
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
   Ultra-Low Quiescent Current 3.0V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com