Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IRL3303 Datasheet(PDF) 3 Page - International Rectifier

Part No. IRL3303
Description  HEXFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3303 Datasheet(HTML) 3 Page - International Rectifier

  IRL3303 Datasheet HTML 1Page - International Rectifier IRL3303 Datasheet HTML 2Page - International Rectifier IRL3303 Datasheet HTML 3Page - International Rectifier IRL3303 Datasheet HTML 4Page - International Rectifier IRL3303 Datasheet HTML 5Page - International Rectifier IRL3303 Datasheet HTML 6Page - International Rectifier IRL3303 Datasheet HTML 7Page - International Rectifier IRL3303 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRL3303
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
0.1
1
10
100
1000
0.1
1
10
100
V
, Drain -to -S ou rce V oltag e (V)
DS
A
2 0µ s PU LSE W ID TH
T
= 25 °C
J
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOT TOM 2.5V
2.5V
0.1
1
10
100
1000
0.1
1
10
100
V
, Drain-to -S ource Vo ltage (V )
DS
A
20µs PU LSE W ID TH
T
= 175°C
VGS
TOP
15V
12V
10V
8.0V
6.0V
4.0V
3.0V
BOTTOM
2.5V
2.5V
J
0.1
1
10
100
1000
23
45678
9
1 0
T = 25°C
J
GS
V
, G a te -to -S o u rce V o lta ge (V )
T = 175°C
J
A
V
= 1 5 V
20µs PU L SE W ID TH
DS
0.0
0.5
1.0
1.5
2.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Ju nctio n T emp eratu re (°C)
V
= 10 V
GS
A
I
= 34 A
D


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF7341 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR2905 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7494 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLL024N HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL2910 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF8910 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFU330 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3402 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR3802 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFI5210 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn