Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP200N3LL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP200N3LL
Description  N-channel 30 V, 2.15 m(ohm) typ., 120 A Power MOSFET in a TO-220 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP200N3LL Datasheet(HTML) 5 Page - STMicroelectronics

  STP200N3LL Datasheet HTML 1Page - STMicroelectronics STP200N3LL Datasheet HTML 2Page - STMicroelectronics STP200N3LL Datasheet HTML 3Page - STMicroelectronics STP200N3LL Datasheet HTML 4Page - STMicroelectronics STP200N3LL Datasheet HTML 5Page - STMicroelectronics STP200N3LL Datasheet HTML 6Page - STMicroelectronics STP200N3LL Datasheet HTML 7Page - STMicroelectronics STP200N3LL Datasheet HTML 8Page - STMicroelectronics STP200N3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STP200N3LL
Electrical characteristics
DocID028758 Rev 2
5/13
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD(1)
Forward on voltage
VGS = 0 V, ISD = 60 A
-
1.1
V
trr
Reverse recovery
time
ISD = 120 A, di/dt = 100 A/µs,
VDD = 24 V (see Figure 15: "Test
circuit for inductive load switching
and diode recovery times")
-
35
ns
Qrr
Reverse recovery
charge
-
34
nC
IRRM
Reverse recovery
current
-
2
A
Notes:
(1) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.


Similar Part No. - STP200N3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
   N-channel 40V - 0.0035廓 - 120A - D2PAK - TO-220 planar STripFET??Power MOSFET
STP200N6F3 STMICROELECTRONICS-STP200N6F3 Datasheet
858Kb / 16P
   N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
   N-CHANNEL 30V - 0.0032 ohm - 120A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
449Kb / 18P
   N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STP200NF04 STMICROELECTRONICS-STP200NF04 Datasheet
404Kb / 15P
   N-CHANNEL 40V - 120 A - 3.3 mOHM TO-220/D2PAK/I2PAK STripFETII MOSFET
More results

Similar Description - STP200N3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5N80K5 STMICROELECTRONICS-STP5N80K5 Datasheet
723Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220 package
STP11N60DM2 STMICROELECTRONICS-STP11N60DM2 Datasheet
716Kb / 12P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220 package
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
   N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
July 2020 Rev 4
STP46N60M6 STMICROELECTRONICS-STP46N60M6 Datasheet
461Kb / 13P
   N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
November 2019 Rev 3
STP22N60M6 STMICROELECTRONICS-STP22N60M6 Datasheet
452Kb / 13P
   N-channel 600 V, 196 m typ., 15 A, MDmeshTM M6 Power MOSFET in a TO-220 package
November 2018 Rev 1
STP65N150M9 STMICROELECTRONICS-STP65N150M9 Datasheet
225Kb / 12P
   N-channel 650 V, 128 m typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
July 2022 Rev 1
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
   N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
October 2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
   N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
June 2016
STP80N240K6 STMICROELECTRONICS-STP80N240K6 Datasheet
259Kb / 13P
   N-channel 800 V, 197 m廓 typ., 16 A MDmesh K6 Power MOSFET in a TO-220 package
February 2022
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
   N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
August 2018 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com