Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB611 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSB611
Description  Low-power, rail-to-rail output, 36 V operational amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB611 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSB611 Datasheet HTML 7Page - STMicroelectronics TSB611 Datasheet HTML 8Page - STMicroelectronics TSB611 Datasheet HTML 9Page - STMicroelectronics TSB611 Datasheet HTML 10Page - STMicroelectronics TSB611 Datasheet HTML 11Page - STMicroelectronics TSB611 Datasheet HTML 12Page - STMicroelectronics TSB611 Datasheet HTML 13Page - STMicroelectronics TSB611 Datasheet HTML 14Page - STMicroelectronics TSB611 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TSB611
Electrical characteristics
DocID028074 Rev 1
11/24
Figure 7: Input offset voltage vs. supply voltage
Figure 8: Input offset voltage vs. common-mode voltage
at VCC = 2.7 V
Figure 9: Input offset voltage vs. common-mode voltage
at VCC = 36 V
Figure 10: Input bias current vs. common mode voltage
at VCC = 4 V
Figure 11: Input bias current vs. common mode voltage
at VCC = 36 V
Figure 12: Output current vs. output voltage at
VCC = 2.7 V


Similar Part No. - TSB611

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 35P
   Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
Rev 3 - December 2022
More results

Similar Description - TSB611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
   Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
Rev 3 - December 2022
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
[Old version datasheet]   36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Analog Devices
OP186 AD-OP186_15 Datasheet
42Kb / 5P
   Ultra Low Power Rail-to-Rail Output Operational Amplifier
REV. 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com