Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBH25P47R0JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TBH25P47R0JE
Description  Low Thermal Resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TBH25P47R0JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TBH25P47R0JE Datasheet HTML 1Page - Ohmite Mfg. Co. TBH25P47R0JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
146
characteristics
tBh series
25 Watt TO220 Package Thick Film Power
Resistor Thick film element above 1Ω, Ni-Cu metal ele-
ment below 1Ω
Case High Temperature Plastic
Terminals Solder coated phospher bronze
Derating 100% @ 25°C to 0% @ 150°C curve refer-
enced to case temperature
Dielectric Strength 1000 VDC
Max. Mounting
Torque
0.9Nm
Operating
Temperature Range
-55°C to +150°C
Temperature
Coefficient
0.1-10Ω @ ±200ppm
11Ω-10KΩ @ ±50ppm
Thermal Resistance 5°C/W
Tolerance 5%
Power 25 Watts. Rating based on 25°C case tem-
perature. The case temperature is to be used
for the purposes of establishing the applied
power limit. The case temperature must be
made with thermocouple contacting the cen-
ter of the component’s mounting tab mounted
on designated heat sink.
Resistance Range 0.1Ω - 10KΩ. Standard values listed at left,
others available upon special request.
Max. Operating
Voltage
350V
Test Condition
Result
Load Life (1000hrs @ rated power)
max. ∆R ±1%
Moisture
Resistance
(MIL-STD-202, method 106)
max. ∆R ±0.5%
Short Time
Overload
(2x rated power, not to exceed
1.5x max. operating voltage)
max. ∆R ±0.3%
Solderability (MIL-STD-202, method 208)
Thermal Shock (MIL-STD-202, method 107,
cond. F)
max. ∆R ±0.3%
Terminal
Strength
(MIL-STD-202, method 211,
cond. A (pull test) 2.4N)
max. ∆R ±0.2%
Vibration (MIL-STD-202, method 204,
cond. D)
max. ∆R ±0.2%
Ohmite’s TBH25 TO220 style
resistors are designed for a
variety of uses that require
intermediate heatsinkable
power at an economical price.
Engineered for industrial
applications, these resistors
deliver reliable performance
to traditional high-quality
Ohmite standards.
Fea tures
•25Watts,@25°Ccasetem-
perature
•Non-InductivePerformance
•LowThermalResistance
•Anti-statictubepackaging
available
•Economicallypriced
•Resistanceelementiselec-
trically insulated from metal
heat sink mounting tab
a PPL ica ti ON s
•PowerSupplies
•IndustrialControls
•AutomotiveSteering
•Pre-load/Damping
•Snubber/Bleeder
•CurrentSensing
(continued)


Similar Part No. - TBH25P47R0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TBH25P47R0JE OHMITE-TBH25P47R0JE Datasheet
151Kb / 1P
   25 Watt TO220 Package Thick Film Power
More results

Similar Description - TBH25P47R0JE

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com