Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VN7004CHTR Datasheet(PDF) 12 Page - STMicroelectronics

Part No. VN7004CHTR
Description  High-side driver with CurrentSense analog feedback for automotive applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CHTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VN7004CHTR Datasheet HTML 8Page - STMicroelectronics VN7004CHTR Datasheet HTML 9Page - STMicroelectronics VN7004CHTR Datasheet HTML 10Page - STMicroelectronics VN7004CHTR Datasheet HTML 11Page - STMicroelectronics VN7004CHTR Datasheet HTML 12Page - STMicroelectronics VN7004CHTR Datasheet HTML 13Page - STMicroelectronics VN7004CHTR Datasheet HTML 14Page - STMicroelectronics VN7004CHTR Datasheet HTML 15Page - STMicroelectronics VN7004CHTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Electrical specification
VN7004CH
12/36
DocID027769 Rev 6
7 V < VCC < 18 V; -40 °C < Tj < 150 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tD_OL_V
Settling time for valid
OFF-state open load
diagnostic indication
from rising edge of SEn
VIN = 0 V; VOUT = 4 V;
VSEn = 0 V to 5 V
60
µs
tD_VOL
OFF-state diagnostic
delay time from rising
edge of VOUT
VIN = 0 V; VSEn = 5 V;
VOUT = 0 V to 4 V
5
30
µs
Fault diagnostic feedback (see Table 11: "Truth table")
VSENSEH
CurrentSense output
voltage in fault
condition
VCC = 13 V; VIN = 0 V;
VSEn = 5 V; IOUT = 0 A;
VOUT = 4 V; RSENSE = 1
5
6.6
V
ISENSEH
CurrentSense output
current in fault
condition
VCC = 13 V; VSENSE = 5 V
7
20
30
mA
CurrentSense timings (current sense mode)(3)
tDSENSE1H
Current sense settling
time from rising edge of
SEn
VIN = 5 V; VSEn = 0 V to
5 V; RSENSE = 1
kΩ;
RL = 0.87
Ω
60
µs
tDSENSE1L
Current sense disable
delay time from falling
edge of SEn
VIN = 5 V; VSEn = 5 V to
0 V; RSENSE = 1
kΩ;
RL = 0.87
Ω
5
20
µs
tDSENSE2H
Current sense settling
time from rising edge of
INPUT
VIN = 0 V to 5 V;
VSEn = 5 V; RSENSE = 1
kΩ;
RL = 0.87
Ω
100
380
µs
ΔtDSENSE2H
Current sense settling
time from rising edge of
IOUT (dynamic response
to a step change of
IOUT)
VIN = 5 V; VSEn = 5 V;
RSENSE = 1
kΩ; ISENSE
= 90% of ISENSEMAX;
RL = 0.87
Ω
200
µs
tDSENSE2L
Current sense turn-off
delay time from falling
edge of INPUT
VIN = 5 V to 0 V; VSEn = 5
V; RSENSE = 1
kΩ;
RL = 0.87
Ω
50
250
µs
Notes:
(1)All values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
(2)Parameter guaranteed by design and characterization; not subject to production test.
(3)Transition delay are measured up to ±10% of final conditions.


Similar Part No. - VN7004CHTR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
VN7004CLHTR STMICROELECTRONICS-VN7004CLHTR Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
More results

Similar Description - VN7004CHTR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 4
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
   High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback for automotive applications
November 2016 Rev 5
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
   High-side driver with CurrentSense analog feedback
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
   Quad channel high-side driver with CurrentSense analog feedback
June 2015 Rev 1
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
   Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz