Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3033CS Datasheet(PDF) 10 Page - International Rectifier

Part # IRU3033CS
Description  8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3033CS Datasheet(HTML) 10 Page - International Rectifier

Back Button IRU3033CS Datasheet HTML 4Page - International Rectifier IRU3033CS Datasheet HTML 5Page - International Rectifier IRU3033CS Datasheet HTML 6Page - International Rectifier IRU3033CS Datasheet HTML 7Page - International Rectifier IRU3033CS Datasheet HTML 8Page - International Rectifier IRU3033CS Datasheet HTML 9Page - International Rectifier IRU3033CS Datasheet HTML 10Page - International Rectifier IRU3033CS Datasheet HTML 11Page - International Rectifier IRU3033CS Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRU3033
10
Rev. 1.7
07/17/02
www.irf.com
Frequency Calculation
The IRU3033 frequency of operation is calculated using
the following formula:
Where:
Vo = Output voltage
(V)
D = Duty cycle
ESR = Output capacitor ESR
(V)
L = Output inductance
(
mH)
DVo = Output ripple voltage
(V)
For our example:
Where:
Vf = Forward voltage drop of the Schottky diode.
The ESR=18m
V for 2 of the Sanyo 1500mF, 6MV1500GX
caps. If L=3.5
mH then, Fs is calculated as follows:
D = (3.38 + 0.5) / 5 = 0.78
Fs =
[(Vo3(1 - D)3ESR)] / (L3DVo)
(MHz)
For example, if Rt=1K and RB=422K, then the output
ripple is:
The advantage of fixed output ripple is that when the
output voltage changes from 2V to 3.5V, the ripple volt-
age remains the same which is important in meeting the
Intel maximum tolerance specification.
Switcher Output Voltage Setting
The output voltage of the switcher can be set using the
following equations:
Assuming, Vo=3.38V and the selected output ripple is
1.3%(44mV) of the output voltage, a set of equations
are derived that selects the resistor divider and the hys-
teresis resistor.
Assuming, Rt=1K
V , 1%:
Where:
Rt = Top resistor of the resistor divider.
RH = Hysteresis resistor connected between pins 3
and 4 of the IRU3033.
DVo = Selected output ripple (typically 1% to 2% of
output voltage).
Assuming,
DVo=44mV:
Select RH = 249K
V, 1%
The bottom resistor of the divider is then calculated us-
ing the following equations:
Where:
RB = Bottom resistor of the divider
VREF = 1.25V typical
Select RB = 576
V, 1%
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 02/01
DVo = (1/422)311 = 26mV
RH = (11
3Rt) / DV
RH = (11
31000) / 0.044 = 250KV
RB = Rt / X
X =
[(Vo +
)/VREF
] - 1
X =
[(3.38 +
)/1.25
] - 1 = 1.72
RB = 1000 / 1.72 = 580
V
DVo
2
0.044
2
D
≈ (Vo + Vf) / VIN
Fs =
= 0.087MHz
Fs = 87KHz
[(3.38 3 (1 - 0.78) 3 0.018)]
(3.5
3 0.044)


Similar Part No. - IRU3033CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034CS IRF-IRU3034CS Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034CSPBF IRF-IRU3034CSPBF Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034PBF IRF-IRU3034PBF Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
More results

Similar Description - IRU3033CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
   8 PIN PWM SWITCHER CONTROLLER IC
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
   PWM SWITCHER & LINEAR CONTROLLER IC
logo
International Rectifier
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com