Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFSA4K99FE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TFSA4K99FE
Description  Ideal to replace standard carbon com-position resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TFSA4K99FE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TFSA4K99FE Datasheet HTML 1Page - Ohmite Mfg. Co. TFSA4K99FE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
58
Although Ohmite’s TFS Series resistors have been specially designed
and developed to absorb much more energy than standard resistors,
pulses and transients require special consideration since they cause an
instantaneous temperature rise in the resistor film. This application note
can guide you through these considerations.
For applications with transients, pulses
or surges the following must be consid-
ered:
1. Do not exceed the normal rated oper-
ating voltage of the device.
2. Using the figure at right, estimate the
energy (Ea) and the pulse duration
(ta) for a single pulse in your applica-
tion.
3. Calculate the energy ratio in percent
(Er) between the nominal energy rat-
ing of the model you have chosen
(see table) and the single pulse
energy in your application (Ea from
step 2) using the formula:
Ea
Er = –––––––– x 100
Enominal
4. Refer to the Pulse Chart. On this
chart find the point where the energy
ratio (Er), found at step 3, and time
(ta) coincide. Qualify that this point
falls below the maximum pulse
energy curve. If the point is above
the curve a bigger model should be
chosen.
V
t
V
t
V
t
V
t
E = –––
V2t
R
E = –––
V2t
3R
E = –––
V2t
3R
E= Energy
(joules)
t= Time
(seconds)
V= Voltage
(volts)
R= Resistance (ohms)
C= Capacitance (farads)
E = –CV2
1
2
t = RC
Example
A 1µF capacitor is charged to
3.5kV and model TFSC, 1KOhm
has been selected. Model TFSC
is rated for 4kV, so the peak volt-
age of 3.5kV is acceptable.
1
Ea = –– CV2 = 6.1J
2
ta = R C = 1 ms
6.1J
Er = ––– x 100 = 55%
11J
According to the pulse chart, an
energy ratio of 55% for a pulse
width of 1ms falls well above the
energy curve. The limit is actually
located around 25-30%. Model
TFSC cannot be used for this
application.
A bigger model should be chosen,
for example TFSD. Model TFSD,
1KOhm, can be used for this
application because we have an
energy ratio Er of 18%, which is
below the energy curve.
6.1J
Er = ––– x 100 = 18%
33J
Ohm Value
Example:
100R = 100Ω
2K40 = 2400Ω
Tolerance
F = 1%
G = 2%
J = 5%
K = 10%
Series
T F S A 1 0 0 K J E
Energy Rating
joules
A = 6
B = 9
C = 11
RoHS Compliant
D = 33
E = 44
F = 55
Standard Part Numbers for TFS Series
6 Joules
9 Joules
11 Joules
33 Joules
44 Joules
55 Joules
Ohms
Tol.
0.5 Watts
0.5 Watts
0.75 Watts
1 Watts
1.5 Watts
2 Watts
100
1% TFSA100RFE
100
5%
TFSB100RJE
TFSD100RJE
TFSF100RJE
220
1% TFSA220RFE
270
5% TFSA270RJE
TFSC270RJE TFSD270RJE
TFSF270RJE
470
1% TFSA470RFE
470
5%
TFSB470RJE
TFSE470RJE
680
5% TFSA680RJE
TFSC680RJE
TFSE680RJE TFSF680RJE
750
5%
TFSB750RJE
TFSD750RJE
TFSF750RJE
1,000
1% TFSA1K00FE
1,000
5% TFSA1K00JE TFSB1K00JE TFSC1K00JE TFSD1K00JE TFSE1K00JE TFSF1K00JE
1,500
5% TFSA1K50JE
TFSC1K50JE TFSD1K50JE
TFSF1K50JE
2,200
1% TFSA2K20FE
2,700
5%
TFSB2K70JE
TFSE2K70JE
4,700
1% TFSA4K70FE
4,700
5% TFSA4K70JE
TFSC4K70JE TFSD4K70JE
4,990
1% TFSA4K99FE
5,000
5% TFSA75K0JE
6,800
5%
TFSB6K80JE
TFSE6K80JE
10,000 1% TFSA10K0FE
10,000 5% TFSA10K0JE TFSB10K0JE TFSC10K0JE TFSD10K0JE
TFSF10K0JE
16,000 5%
TFSF16K0JE
20,000 1% TFSA20K0FE
TFSF20K0JE
20,000 5%
TFSB20K0JE
TFSD20K0JE
22,000 1% TFSA22K0FE
27,000 5% TFSA27K0JE
TFSC27K0JE
TFSE27K0JE
47,000 1% TFSA47K0FE
50,000 5% TFSA50K0JE
TFSF51K0JE
51,000 5%
TFSB51K0JE TFSC51K0JE TFSD51K0JE
75,000 5%
TFSE75K0JE
100,000 1% TFSA100KFE
100,000 5%
TFSB100KJE TFSC100KJE TFSD100KJE
TFSF100KJE
tFs series
Surge Capable
Thick Film Non Inductive
s ingle p ulse e nergy r ating
o rdering in F ormation
Maximum Individual Pulse Rating
Pulse Width
1µs
10µs 100µs
1 ms 10 ms 100 ms
0.1
1000
1
10
100


Similar Part No. - TFSA4K99FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TFSA4K99FE OHMITE-TFSA4K99FE Datasheet
106Kb / 1P
   Surge Capable Thick Film Non Inductive
More results

Similar Description - TFSA4K99FE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCA0922 VISHAY-LCA0922 Datasheet
203Kb / 4P
   Carbon Film Resistors, Standard
Revision 03-Sep-03
CFA0207 VISHAY-CFA0207 Datasheet
90Kb / 2P
   Carbon Film Resistors, Standard
Revision 05-Jun-03
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com