Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM29 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM29
Description  3-Terminal Positive Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM29 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM29 Datasheet HTML 1Page - National Semiconductor (TI) LM29 Datasheet HTML 2Page - National Semiconductor (TI) LM29 Datasheet HTML 3Page - National Semiconductor (TI) LM29 Datasheet HTML 4Page - National Semiconductor (TI) LM29 Datasheet HTML 5Page - National Semiconductor (TI) LM29 Datasheet HTML 6Page - National Semiconductor (TI) LM29 Datasheet HTML 7Page - National Semiconductor (TI) LM29 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Performance Characteristics (Continued)
Definition of Terms
Dropout Voltage: The input-output voltage differential at
which the circuit ceases to regulate against further reduction
in input voltage. Measured when the output voltage has
dropped 100 mV from the nominal value obtained at 14V in-
put, dropout voltage is dependent upon load current and
junction temperature.
Input Voltage: The DC voltage applied to the input terminals
with respect to ground.
Input-Output Differential: The voltage difference between
the unregulated input voltage and the regulated output volt-
age for which the regulator will operate.
Line Regulation: The change in output voltage for a change
in the input voltage. The measurement is made under condi-
tions of low dissipation or by using pulse techniques such
that the average chip temperature is not significantly af-
fected.
Load Regulation: The change in output voltage for a
change in load current at constant chip temperature.
Long Term Stability: Output voltage stability under acceler-
ated life-test conditions after 1000 hours with maximum
rated voltage and junction temperature.
Output Noise Voltage: The rms AC voltage at the output,
with constant load and no input ripple, measured over a
specified frequency range.
Quiescent Current: That part of the positive input current
that does not contribute to the positive load current. The
regulator ground lead current.
Ripple Rejection: The ratio of the peak-to-peak input ripple
voltage to the peak-to-peak output ripple voltage.
Temperature Stability of V
O: The percentage change in
output voltage for a thermal variation from room temperature
to either temperature extreme.
Peak Output Current
DS005539-23
Quiescent Current
DS005539-24
Quiescent Current
DS005539-25
Quiescent Current
DS005539-26
Ripple Rejection
DS005539-27
Ripple Rejection
DS005539-28
Maximum Power
Dissipation (TO-220)
DS005539-6
5
www.national.com


Similar Part No. - LM29

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM29 NSC-LM29 Datasheet
323Kb / 20P
   LM2900/LM3900/LM3301 Quad Amplifiers
logo
NXP Semiconductors
LM290 PHILIPS-LM290 Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
logo
National Semiconductor ...
LM2900 NSC-LM2900 Datasheet
323Kb / 20P
   LM2900/LM3900/LM3301 Quad Amplifiers
logo
Motorola, Inc
LM2900 MOTOROLA-LM2900 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM2900 TI-LM2900 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
More results

Similar Description - LM29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7806AJ HSMC-H7806AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AJ HSMC-H7808AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7815AE HSMC-H7815AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com