Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32356B4505J0 Datasheet(PDF) 3 Page - TDK Electronics

Part # B32356B4505J0
Description  Film Capacitors ??AC Capacitors Motor run capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32356B4505J0 Datasheet(HTML) 3 Page - TDK Electronics

  B32356B4505J0 Datasheet HTML 1Page - TDK Electronics B32356B4505J0 Datasheet HTML 2Page - TDK Electronics B32356B4505J0 Datasheet HTML 3Page - TDK Electronics B32356B4505J0 Datasheet HTML 4Page - TDK Electronics B32356B4505J0 Datasheet HTML 5Page - TDK Electronics B32356B4505J0 Datasheet HTML 6Page - TDK Electronics B32356B4505J0 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Film Capacitors – AC Capacitors
B32356
Motor run capacitors
B32356 – MotorCap S3 Compact
CAP RD FILM PD AC
September 2016
Please read Cautions and warnings and
Page 3 of 7
Important notes at the end of this document.
Maximum ratings
Maximum permissible voltage Vmax
1.1 · VR
(VR = rated voltage)
Maximum permissible current Imax
1.3 IR
(IR = rated current)
Test data
AC test voltage terminal to terminal UTT
AC test voltage terminals to can UTC
2 VR, 2 s (routine test)
2 VR, 60 s (type test)
2 kV AC, 2 s (routine test)
2 kV AC, 60 s (type test)
Insulation resistance Rins or time constant  at +20 °C,
Rel. humidity max. value 85%, annual means
 65%
3000 s
Dissipation factor tan
 at +20 °C
1.0 ·10-3 (120 Hz)
Maximum rate of voltage rise dv/dtmax
10 V/
s
Climatic data
Climatic category
25/085/21 to IEC 60068-1
Lower category Tmin
–25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Mechanical and thermal properties
Ball pressure test to IEC 60309-1 sec. 27.3
20 N at 125 °C
Plastic can and top disk material
UL 94 V2 min/ Compliant to EN60252-1/
EN60335-1
Glow wire test to IEC 60695 – 2 – 1 / 1
Test temp 550 ºC for IR 0.5 A
Test temp 750 ºC for IR 0.5 A
Self-extinguish within 2 s of withdrawing glow
wire without igniting wrapping tissue to GWIT
Part compliant to EN 60335-1
Glow wire test acc. to EN60335-1:2002 +A11+A1
+A12+Corr.+A2:2006, IEC60335-1 ed 4+A1+A2
Self extinguish within 2 s with GWT 750 ºC and
within 60 s with GWFI 850 ºC of withdrawing
the glow wire and without igniting the wrapping
tissue
Tracking test to IEC 60112 solution A
>250 V
Compatibility to RoHS
Compliance to directive 2002/95/EC


Similar Part No. - B32356B4505J0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32356B4505J012 EPCOS-B32356B4505J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32356B4505J013 EPCOS-B32356B4505J013 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32356B4505J032 EPCOS-B32356B4505J032 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32356B4505J033 EPCOS-B32356B4505J033 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32356B4505J052 EPCOS-B32356B4505J052 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
More results

Similar Description - B32356B4505J0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com