Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32335I6506J00 Datasheet(PDF) 1 Page - TDK Electronics

Part # B32335I6506J00
Description  Film Capacitors ??AC Capacitors Motor run capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32335I6506J00 Datasheet(HTML) 1 Page - TDK Electronics

  B32335I6506J00 Datasheet HTML 1Page - TDK Electronics B32335I6506J00 Datasheet HTML 2Page - TDK Electronics B32335I6506J00 Datasheet HTML 3Page - TDK Electronics B32335I6506J00 Datasheet HTML 4Page - TDK Electronics B32335I6506J00 Datasheet HTML 5Page - TDK Electronics B32335I6506J00 Datasheet HTML 6Page - TDK Electronics B32335I6506J00 Datasheet HTML 7Page - TDK Electronics B32335I6506J00 Datasheet HTML 8Page - TDK Electronics B32335I6506J00 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Film Capacitors – AC Capacitors
Motor run capacitors
Series/Type:
Dual MotorCap - 450 V
Ordering code:
B32335
Date:
July 2016
Version:
6
 EPCOS AG 2016. Reproduction, publication and dissemination of this publication, enclosures hereto and the information
contained therein without EPCOS' prior express consent is prohibited.
EPCOS AG is a TDK Group Company.
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then
change the color to "white". This ensures that the table disappears (invisible) for the customer PDF.
Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1
(header 1 + top left bar):
Film Capacitors – AC Capacitors
Identification/Classification 2
(header 2 + bottom left header bar):
Motor run capacitors
Ordering code: (top right header bar)
B32335
Series/Type: (bottom right header bar)
Dual MotorCap - 450 V
Preliminary data (optional):
Department:
CAP FILM T RD PD AC
Date:
July 2016
Version:
6


Similar Part No. - B32335I6506J00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32335I6506J050 EPCOS-B32335I6506J050 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6506J060 EPCOS-B32335I6506J060 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6506J070 EPCOS-B32335I6506J070 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6506J080 EPCOS-B32335I6506J080 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
More results

Similar Description - B32335I6506J00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com