Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32335I6176J01 Datasheet(PDF) 4 Page - TDK Electronics

Part # B32335I6176J01
Description  Film Capacitors ??AC Capacitors Motor run capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32335I6176J01 Datasheet(HTML) 4 Page - TDK Electronics

  B32335I6176J01 Datasheet HTML 1Page - TDK Electronics B32335I6176J01 Datasheet HTML 2Page - TDK Electronics B32335I6176J01 Datasheet HTML 3Page - TDK Electronics B32335I6176J01 Datasheet HTML 4Page - TDK Electronics B32335I6176J01 Datasheet HTML 5Page - TDK Electronics B32335I6176J01 Datasheet HTML 6Page - TDK Electronics B32335I6176J01 Datasheet HTML 7Page - TDK Electronics B32335I6176J01 Datasheet HTML 8Page - TDK Electronics B32335I6176J01 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Film Capacitors – AC Capacitors
B32335
Motor run capacitors
Dual MotorCap - 450 V
CAP FILM T RD PD AC
July 2016
Please read Cautions and warnings and
Page 4 of 9
Important notes at the end of this document.
Approvals see table for approved ratings
UL 810 E106388
C
US
Approved component 10000 AFC, protected up to 450V
TÜV
450 V / +85°C : 10000 h (Class B)
Approved, 450 V / +85°C : 10000 h (Class B)
Compliance to LV directive 2014/35/EU
Logistics
Delivery mode
EU palette as standard
Cardboard tape on palette
Pack unit, see dimension table
Display of ordering codes for EPCOS products
The ordering code for one and the same EPCOS product can be represented differently in data sheets, data
books, other publications, on the EPCOS website, or in order-related documents such as shipping notes, order
confirmations and product labels. The varying representations of the ordering codes are due to different
processes employed and do not affect the specifications of the respective products. Detailed information
can be found on the Internet under www.epcos.com/orderingcodes


Similar Part No. - B32335I6176J01

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32335I6176J050 EPCOS-B32335I6176J050 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6176J051 EPCOS-B32335I6176J051 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6176J060 EPCOS-B32335I6176J060 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6176J061 EPCOS-B32335I6176J061 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6176J070 EPCOS-B32335I6176J070 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
More results

Similar Description - B32335I6176J01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com