Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3233I6606J02 Datasheet(PDF) 6 Page - TDK Electronics

Part # B3233I6606J02
Description  Film Capacitors ??AC Capacitors Motor run capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B3233I6606J02 Datasheet(HTML) 6 Page - TDK Electronics

  B3233I6606J02 Datasheet HTML 1Page - TDK Electronics B3233I6606J02 Datasheet HTML 2Page - TDK Electronics B3233I6606J02 Datasheet HTML 3Page - TDK Electronics B3233I6606J02 Datasheet HTML 4Page - TDK Electronics B3233I6606J02 Datasheet HTML 5Page - TDK Electronics B3233I6606J02 Datasheet HTML 6Page - TDK Electronics B3233I6606J02 Datasheet HTML 7Page - TDK Electronics B3233I6606J02 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Film Capacitors – AC Capacitors
B32330 / B32332
Motor run capacitors
450 V
CAP FILM T RD PD AC
July 2016
Please read Cautions and warnings and
Page 6 of 8
Important notes at the end of this document.
Ordering codes
Rated
voltage
VR
Rated
capacitance
CR
Dimensions
D x H
Ordering
code
Approvals I Life class
Packing
unit
V AC
μF
mm
VDE
TÜV
UL
CQC
pcs
450
1
30 x 52
B3233*I6105J0#0
A
A
49
1.5
30 x 52
B3233*I6155J0#0
A
A
49
2
30 x 52
B3233*I6205J0#0
A
A
49
2.5
30 x 52
B3233*I6255J0#1
A
A
49
3
30 x 52
B3233*I6305J0#0
A
A
49
3.5
30 x 52
B3233*I6355J0#0
A
A
49
4
30 x 52
B3233*I6405J0#0
A
A
49
5
30 x 52
B3233*I6505J0#1
A
A
49
6
30 x 52
B3233*I6605J0#0
A
A
49
7
30 x 52
B3233*I6705J0#0
A
A
49
7.5
30 x 68
B3233*I6755J0#0
A
A
49
8
30 x 68
B3233*I6805J0#0
A
A
49
9
30 x 68
B3233*I6905J0#0
A
A
49
10
30 x 68
B3233*I6106J0#0
A
A
49
11
30 x 78
B3233*I6116J0#0
A
A
49
12
30 x 78
B3233*I6126J0#0
A
A
49
15
30 x 78
B3233*I6156J0#0
A
A
49
17
30 x 93
B3233*I6176J0#0
A
A
49
18
30 x 93
B3233*I6186J0#0
A
A
49
20
30 x 93
B3233*I6206J0#1
A
A
49
22
35 x 93
B3233*I6226J0#2
--
A
36
25
35 x 93
B3233*I6256J0#0
--
A
36
30
35 x 93
B3233*I6306J0#0
--
A
36
35
35 x 103
B3233*I6356J0#1
--
A
36
36
40 x 103
B3233*I6366J0#1
--
A
36
40
40 x 103
B3233*I6406J0#1
--
A
36
45
40 x 103
B3233*I6456J0#1
--
A
36
50
45 x 103
B3233*I6506J0#1
--
A
25
55
45 x 103
B3233*I6556J0#2
--
--
25
60
45 x 103
B3233*I6606J0#2
--
--
25
Composition of ordering code
*: Terminals
#:
Construction of can and plastic top
0
Single fast-on terminals
6
Aluminum can: UL 94 V2/V0 top/IEC 60335- 1
2
Double fast-on terminals
8
Aluminum can with M 8 bolt: UL 94 V2/V0 top/IEC 60335-
1


Similar Part No. - B3233I6606J02

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
B32330 EPCOS-B32330 Datasheet
185Kb / 7P
   Film capacitors - AC capacitors
B32330 EPCOS-B32330 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32330 EPCOS-B32330 Datasheet
261Kb / 7P
   Film capacitors - AC capacitors
B32330 EPCOS-B32330 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results

Similar Description - B3233I6606J02

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com