Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32335I6186J80 Datasheet(PDF) 6 Page - TDK Electronics

Part # B32335I6186J80
Description  Film Capacitors ??AC Capacitors Motor run capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32335I6186J80 Datasheet(HTML) 6 Page - TDK Electronics

  B32335I6186J80 Datasheet HTML 1Page - TDK Electronics B32335I6186J80 Datasheet HTML 2Page - TDK Electronics B32335I6186J80 Datasheet HTML 3Page - TDK Electronics B32335I6186J80 Datasheet HTML 4Page - TDK Electronics B32335I6186J80 Datasheet HTML 5Page - TDK Electronics B32335I6186J80 Datasheet HTML 6Page - TDK Electronics B32335I6186J80 Datasheet HTML 7Page - TDK Electronics B32335I6186J80 Datasheet HTML 8Page - TDK Electronics B32335I6186J80 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Film Capacitors – AC Capacitors
B32335
Motor run capacitors
Dual MotorCap - 450 V
CAP FILM T RD PD AC
July 2016
Please read Cautions and warnings and
Page 6 of 9
Important notes at the end of this document.
Ordering codes
Rated
voltage
VR
Rated
capacitance
CR
Dimensions
D x H
Ordering
code
Packing
unit
V AC
μF
mm
450
10+1
40 x 70
B32335I6116J0#0
36
10+1.5
40 x 70
B32335I6116J5#0
36
10+2
40 x 70
B32335I6126J0#0
36
12+1.5
40 x 70
B32335I6136J5#0
36
12+2
40 x 70
B32335I6146J0#0
36
12+5
40 x 70
B32335I6176J0#0
36
13+1.5
40 x 70
B32335I6146J5#0
36
13+1.8
40 x 70
B32335I6146J8#0
36
13+2
40 x 70
B32335I6156J0#0
36
13+5
40 x 70
B32335I6186J0#0
36
15+1.5
40 x 70
B32335I6166J5#0
36
15+2
40 x 70
B32335I6176J0#1
36
15+2.5
40 x 70
B32335I6176J5#0
36
15+3
40 x 70
B32335I6186J0#1
36
15+4
40 x 70
B32335I6196J0#0
36
15+5
40 x 70
B32335I6206J0#0
36
17+1.8
40 x 80
B32335I6186J8#0
36
20+ 1.5
40 x 80
B32335I6216J5#0
36
20+2
40 x 80
B32335I6226J0#0
36
20+4
40 x 80
B32335I6246J0#0
36
20+5
40 x 80
B32335I6256J0#0
36
25+1.5
40 x 80
B32335I6266J5#0
36
25+2
40 x 80
B32335I6276J0#0
36
25+2.5
40 x 80
B32335I6276J5#0
36
25+3
40 x 80
B32335I6286J0#0
36
25+4
40 x 80
B32335I6296J0#0
36
25+5
40 x 80
B32335I6306J0#0
36
25+7.5
40 x 94
B32335I6326J5#0
36
25+8
40 x 94
B32335I6336J0#0
36
25+10
40 x 94
B32335I6356J0#0
36
30+1.5
40 x 103
B32335I6316J5#0
36
30+1.8
40 x 103
B32335I6316J8#0
36
30+2
40 x 103
B32335I6326J0#1
36
35+1.5
40 x 103
B32335I6366J5#0
36
35+2
40 x 103
B32335I6376J0#1
36


Similar Part No. - B32335I6186J80

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32335I6186J850 EPCOS-B32335I6186J850 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6186J860 EPCOS-B32335I6186J860 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6186J870 EPCOS-B32335I6186J870 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6186J880 EPCOS-B32335I6186J880 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
More results

Similar Description - B32335I6186J80

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com