Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK20PR075JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TK20PR075JE
Description  Extremely stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TK20PR075JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TK20PR075JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
68
Ohmite Mfg. Co.
TK/TN Series
20 and 15 Watt TO-220 Package
Thick and Thin Film
Bracke T
6200E: recommended mount-
ing bracket kit (optional)
0.287"
(7.3mm)
0.039"
(1.0mm)
0.201"
(5.1mm)
0.031"
(0.8mm)
0.701"
(17.8mm)
0.591"
(15mm)
0.394"
(10mm)
0.177"
(4.5mm)
0.004"
(0.1mm)
ordering information
TK20P1R00JE
Series
TK20 = 20W thick film
TN15 = 15W thin film
Resistance
Example:
R075 = 75m
7R50 = 7.5
75R0 =75
7K50 = 7500
Tolerance
F= 1%
G= 2%
J = 5%
RoHS
Compliant
TCR
(TN15 only)
P=
±50ppm
L=
±25ppm
V=
±10ppm
X=
±5ppm
st andard p ar t numbers
TK20
TN15
thick film
thin film
20 watt
15 watt
Ohms
5% tol.
1% tol.
2% tol.
0.03
TK20PR030JE
0.04
TK20PR040JE
0.05
TK20PR050JE
0.075
TK20PR075JE
0.1
TK20PR100JE
0.3
TK20PR300JE
0.4
TK20PR400JE
0.5
TK20PR500JE
0.75
TK20PR750JE
1
TK20P1R00JE
3
TK20P3R00JE
4
TK20P4R00JE
TN15P4R00FE
5
TK20P5R00JE
TN15P5R00FE
7.5
TK20P7R50JE
TN15P7R50FE
10
TK20P10R0JE
TN15P10R0GE
30
TK20P30R0JE
TN15P30R0FE
40
TK20P40R0JE
TN15P40R0FE
50
TK20P50R0JE
TN15P50R0FE
75
TK20P75R0JE
TN15P75R0FE
100
TK20P100RJE
TN15P100RGE
300
TK20P300RJE
TN15P300RFE
400
TK20P400RJE
TN15P400RFE
500
TK20P500RJE
TN15P500RFE
750
TK20P750RJE
TN15P750RFE
1000
TK20P1K00JE
TN15P1K00GE
3000
TK20P3K00JE
TN15P3K00FE
4000
TK20P4K00JE
TN15P4K00FE
5000
TK20P5K00JE
TN15P5K00FE
7500
TK20P7K50JE
TN15P7K50FE
10,000
TK20P10K0JE
TN15P10K0GE
Patent pending
0.900"
(22.86mm)
0.240"
(6.10mm)
0.320"
(8.12mm)
radius
1mm
hole
tapped
for 6-32
screw
0.180"
(4.57mm)
S P eci F ica T i O n S
Material
Resistive element: Thick or thin film chip resistor
Terminals: Tin plated copper (100Sn)
Case: Ryton
Heatsink plate: Black anodized aluminum
Electrical
Thick film TK20
Thin film TN15
Power rating:
20W
15W
(Heat-sink dependent; must be attached to a proper heat sink for full
power rating. Max. case temp. cannot exceed 150°C.)
Derating:
Linear, 100% at 25°C to 0% at 150°C
Resistance Range:
10m
Ω-10KΩ
4
Ω-10KΩ
Tolerance:
5%
1%, 2%
Max. working voltage: 0.01
Ω-1KΩ:
√20*R
√15*R
3K
Ω-10KΩ:
150V
200V
Max. working current: 0.01
Ω-0.1Ω:
10A
0.3
Ω-10KΩ:
√20/R
4
Ω-10KΩ:
√15/R
TCR:
0.01
Ω-0.1Ω: ±300ppm
0.3
Ω-10KΩ: ±200ppm
4
Ω-10KΩ:
±50ppm
(lower available)
Thermal resistance. RTH:
<6.25°C/W
<8.33°C/W
Ohmite is proud to introduce
the newest addition to our
family of Heat Sinkable Power
Resistors. The TK/TN Series
offers 3 major advances over
existing TO-220 products:
• Low Resistance Values down
to 0.03 ohms for current sense
applications
• Low Cost
• Thin Film Construction is the
first Thin Film power resistor in
heatsinkable packaging on the
market.
WHY TH in F i LM?
Thin film technology offers the fol-
lowing performance advantages:
• Extremely stable (low TCR)
• Low Noise (parasitic capacitance
and resistance)
• Excellent High Frequency
Performance
• High Accuracy (tight tolerances)
TK/TN
mounted
vertically
THIS PRODUCT IS DESIGNED FOR
USE WITH PROPER HEATSINKING.
Maximum base plate temperature of the resistor must
be monitored and kept within specified limits to es-
tablish the power rating. Best technique is to attach a
thermocouple to the side of the base plate of the resis-
tor. Temperature of plastic housing or heat sink cannot
be used to establish rating of the resistor.
Discontinued May 2013
Product will be available till existing stock is depleted.
This product has been
DISCONTINUED


Similar Part No. - TK20PR075JE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK20PR075JE ETC2-TK20PR075JE Datasheet
176Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
logo
Ohmite Mfg. Co.
TK20PR075JE OHMITE-TK20PR075JE Datasheet
492Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
More results

Similar Description - TK20PR075JE

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-5S LEIDITECH-2R1000-5S Datasheet
393Kb / 3P
   Extremely small size Extremely fast response time
3R090-5S LEIDITECH-3R090-5S Datasheet
1Mb / 4P
   Extremely small size Extremely fast response time
SMD5050-090I LEIDITECH-SMD5050-090I Datasheet
314Kb / 3P
   Extremely small size Extremely fast response time
2R600-5S LEIDITECH-2R600-5S Datasheet
397Kb / 3P
   Extremely small size Extremely fast response time
logo
American Zettler, Inc.
AZ9375 AZETTLER-AZ9375 Datasheet
129Kb / 2P
   Extremely small footprint
logo
Laird Tech Smart Techno...
S9026XR LSTD-S9026XR Datasheet
268Kb / 1P
   Extremely low VSWR
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
   Extremely compact size
logo
PHOENIX CONTACT
REL-OR-24DC PHOENIX-REL-OR-24DC Datasheet
109Kb / 4P
   Extremely rugged design
logo
STMicroelectronics
AN2678 STMICROELECTRONICS-AN2678 Datasheet
220Kb / 16P
   Extremely accurate timekeeping over
logo
MAKO SEMICONDUCTOR CO.,...
BAT54A-KL2 MAKOSEMI-BAT54A-KL2 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com