Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1284-MAX1285 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1284-MAX1285
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1284-MAX1285 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1284-MAX1285 Datasheet HTML 1Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 2Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 3Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 4Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 5Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 6Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 7Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 8Page - Maxim Integrated Products MAX1284-MAX1285 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 12-Bit ADCs with Internal Reference
_______________________________________________________________________________________
5
SCLK Rise to CS Fall Ignore
tCSO
35
ns
SCLK Rise to CS Rise Hold
tCSH
0
ns
CS Fall to SCLK Rise Setup
tCSS
35
ns
SCLK Pulse Width Low
tCL
62
ns
CS Rise to SCLK Rise Ignore
tCS1
35
ns
SCLK Rise to DOUT Hold
tDOH
10
ns
SCLK Rise to DOUT Valid
tDOV
80
ns
CLOAD = 20pF
CLOAD = 20pF
SCLK Pulse Width High
tCH
62
ns
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SCLK Period
tCP
156
ns
TIMING CHARACTERISTICS—MAX1284 (Figures 1, 2, 8, 9)
(VDD = +4.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted.)
TIMING CHARACTERISTICS—MAX1285 (Figures 1, 2, 8, 9)
(VDD = +2.7V to +3.6V, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Tested at VDD = VDD(MIN).
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: Internal reference, offset, and reference errors nulled.
Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 5: External load should not change during conversion for specified accuracy. Guaranteed specification limit of 2mV/mA due to
production test limitations.
Note 6: Electrical characteristics are guaranteed from VDD(MIN) to VDD(MAX). For operations beyond this range, see Typical
Operating Characteristics.
Note 7: MAX1284 tested with 20pF on DOUT and fSCLK = 6.4MHz, 0 to 5V. MAX1285 tested with same loads, fSCLK = 4.8MHz,
0 to 3V. DOUT = full scale.
CS Rise to DOUT Disable
tDOD
10
65
ns
CS Fall to DOUT Enable
tDOE
65
ns
CS Pulse Width High
tCSW
100
ns
CLOAD = 20pF
CLOAD = 20pF
SCLK Rise to CS Fall Ignore
tCSO
45
ns
SCLK Rise to CS Rise Hold
tCSH
0
ns
CS Fall to SCLK Rise Setup
tCSS
45
ns
SCLK Pulse Width Low
tCL
83
ns
CS Rise to SCLK Rise Ignore
tCS1
45
ns
SCLK Rise to DOUT Hold
tDOH
13
ns
SCLK Rise to DOUT Valid
tDOV
100
ns
CS Rise to DOUT Disable
tDOD
13
85
ns
CLOAD = 20pF
CLOAD = 20pF
CS Fall to DOUT Enable
tDOE
85
ns
CS Pulse Width High
tCSW
100
ns
CLOAD = 20pF
CLOAD = 20pF
SCLK Period
tCP
208
SCLK Pulse Width High
tCH
83
ns
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
ns


Similar Part No. - MAX1284-MAX1285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1284BCSA++ MAXIM-MAX1284BCSA+ Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284BESA++ MAXIM-MAX1284BESA+ Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284EVC16 MAXIM-MAX1284EVC16 Datasheet
123Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/07
MAX1284EVKIT MAXIM-MAX1284EVKIT Datasheet
123Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/07
MAX1284EVSYSTEM MAXIM-MAX1284EVSYSTEM Datasheet
123Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/07
More results

Similar Description - MAX1284-MAX1285

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com