Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1284BESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1284BESA
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1284BESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1284BESA Datasheet HTML 7Page - Maxim Integrated Products MAX1284BESA Datasheet HTML 8Page - Maxim Integrated Products MAX1284BESA Datasheet HTML 9Page - Maxim Integrated Products MAX1284BESA Datasheet HTML 10Page - Maxim Integrated Products MAX1284BESA Datasheet HTML 11Page - Maxim Integrated Products MAX1284BESA Datasheet HTML 12Page - Maxim Integrated Products MAX1284BESA Datasheet HTML 13Page - Maxim Integrated Products MAX1284BESA Datasheet HTML 14Page - Maxim Integrated Products MAX1284BESA Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 12-Bit ADCs with Internal Reference
______________________________________________________________________________________
11
Applications Information
Connection to Standard Interfaces
The MAX1284/MAX1285 serial interface is fully compat-
ible with SPI/QSPI and MICROWIRE (Figure 11).
If a serial interface is available, set the CPU’s serial interface
in master mode so the CPU generates the serial clock.
Choose a clock frequency up to 6.4MHz (MAX1284) or
4.8MHz (MAX1285).
1) Use a general-purpose I/O line on the CPU to pull CS
low. Keep SCLK low.
2) Activate SCLK for a minimum of fifteen clock cycles.
The first two clocks produce zeros at DOUT. DOUT
output data transitions 20ns after the third SCLK rising
edge and is available in MSB-first format. Observe the
0
0.50
0.25
1.00
0.75
1.25
1.50
0.0001
0.01
0.001
0.1
1
10
TIME IN SHUTDOWN (s)
CREF = 4.7
µF
Figure 7. Reference Power-Up vs. Time in Shutdown
A/D STATE
DOUT HIGH-Z
HIGH-Z
D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SCLK
14
3
8
12
15
ACQ
CS
HOLD/CONVERT
ACQUISITION
Figure 8. Interface Timing Sequence
CS
SCLK
DOUT
tDOE
tDOH
tDOD
tDOV
tCSO
tCSS
tCSI
tCSO
tCSH
tCH
tCL
tCP
tCSW
Figure 9. Detailed Serial-Interface Timing


Similar Part No. - MAX1284BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1284BESA++ MAXIM-MAX1284BESA+ Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1284BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com