Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLBR015FE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # WLBR015FE
Description  Very low inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WLBR015FE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  WLBR015FE Datasheet HTML 1Page - Ohmite Mfg. Co. WLBR015FE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
51
Type Power Rating (watts)
L
D
d
WLA
0.5
5.08 / 0.200
2.54 / 0.100
0.60 / 0.024
WLB
1
7.00 / 0.276
3.30 / 0.130
0.60 / 0.024
WLC
2
11.4 / 0.450
4.57 / 0.180
0.80 / 0.031
LD
0.984 /
25
d
��
�����������
Series
Ohms
Power
A = 0.5
B = 1
C = 2
Tolerance
F = 1%
J = 5%
Package
T = Tape
blank = 25pc Pack
RoHS compliant
Standard Part Numbers for WL Series
Wattage:
0.5
1.0
2.0
Series:
WLA
WLB
WLC
Ohms
0.005 WLAR005FE WLBR005FE
0.01 WLAR010FE WLBR010FE WLCR010FE
0.015 WLAR015FE WLBR015FE WLCR015FE
0.02 WLAR020FE WLBR020FE WLCR020FE
0.025 WLAR025FE WLBR025FE WLCR025FE
0.03 WLAR030FE WLBR030FE WLCR030FE
0.05 WLAR050FE WLBR050FE WLCR050FE
0.10 WLAR100FE WLBR100FE WLCR100FE
Key to five-band code
Band 1 2 3
4
5
Color
Digit
Multiplier
Tolerance
Black
0 0 0 x 1Ω
Brown
1 1 1 x 10Ω
± 1%
(F)
Red
2 2 2 x 100Ω
± 2%
(G)
Orange
3 3 3 x 1KΩ
Yellow
4 4 4 x 10KΩ
Green
5 5 5 x 100KΩ
± 0.5% (D)
Blue
6 6 6 x 1MΩ
± 0.25% (C)
Violet
7 7 7 x 10MΩ
± 0.10% (B)
Grey
8 8 8
± 0.05%
White
9 9 9 x 0.001Ω
Gold
x 0.1Ω
± 5%
(J)
Silver
x 0.01Ω
± 10%
(K)
15
234
WL series
Miniature Wirewound
Current Sense
D i M e N si ON s
(in./mm)
O r D eri N g i NFO r M ati ON


Similar Part No. - WLBR015FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WLBR015FE OHMITE-WLBR015FE Datasheet
120Kb / 1P
   Miniature Wirewound Current Sense
More results

Similar Description - WLBR015FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TCH35 OHMITE-RES-TCH35 Datasheet
333Kb / 2P
   Very Low Inductance Design
logo
Vishay Siliconix
VS-GB100DA60UP VISHAY-VS-GB100DA60UP Datasheet
170Kb / 9P
   Very low internal inductance
Revision: 13-Sep-13
WSL18HP VISHAY-WSL18HP Datasheet
119Kb / 4P
   Very low inductance 0.5 nH to 5 nH
Revision: 10-Aug-16
VS-100MT060WSP VISHAY-VS-100MT060WSP Datasheet
248Kb / 12P
   Very low stray inductance design for high speed operation
Revision: 10-Jun-15
logo
Microchip Technology
MSCSM170AM058CT6LIAG MICROCHIP-MSCSM170AM058CT6LIAG Datasheet
883Kb / 17P
   Very Low Stray Inductance Phase Leg SiC MOSFET Power Module
A 04/2021
MSCSM170AM029CT6LIAG MICROCHIP-MSCSM170AM029CT6LIAG Datasheet
870Kb / 17P
   Very Low Stray Inductance Phase Leg SiC MOSFET Power Module
A 04/2021
logo
Ohmite Mfg. Co.
RES-P OHMITE-RES-P Datasheet
114Kb / 1P
   Low Inductance
ACL-AP725 OHMITE-ACL-AP725 Datasheet
412Kb / 2P
   Low inductance
logo
M/A-COM Technology Solu...
KSV14XX MA-COM-KSV14XX Datasheet
395Kb / 2P
   Low Inductance
logo
Unisonic Technologies
M29150A UTC-M29150A Datasheet
413Kb / 9P
   1.5A, VERY LOW DROP 1.5A, VERY LOW DROP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com