Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH12700 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # AH12700
Description  Multiple finishes available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AH12700 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  AH12700 Datasheet HTML 1Page - Ohmite Mfg. Co. AH12700 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
184
AH Series
Extrusion Heatsinks
H o W to or D er
A DD ition A l D imen S ion S
extru S ion pro F ile S
Not to scale. See chart for dimensions.
AH80126A12300NE
Series
Finish
A = black anodized
C = gold chromate
F = clear chromate
G = green anodized
K = clear anodized
R = red anodized
V = unfinished, degreased
Extrusion
Style
Length
(in.)
to three
decimals
12300 = 12.3"
Modification
N = none
X = consult
factory for
options
RoHS Compliant
AH54100
AH33000
AH80126
AH10551
AH17500
AH29300
AH10564
AH10719
AH40000
AH11600
AH73900
AH64100
AH80167
AH67200
AH12153
AH80000
AH11958
AH50600
AH80015
AH32530
AH12310
AH12700
AH80125
AH12118
AH13184
AH14315
AH16000
AH61409
AH13070
AH10578
AH10928
AH11945
AH62430
AH48600
Not to scale.
AH13184
4.750"
1.335"
1.125"
0.125"
0.400"
AH61409
0.270"
2.390"
7.200"
5.200"


Similar Part No. - AH12700

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AH12 XPPOWER-AH12 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Taiyo Yuden (U.S.A.), I...
AH122F157501-T TAIYO-YUDEN-AH122F157501-T Datasheet
529Kb / 8P
   CHIP ANTENNA
AH122F1575S1-T TAIYO-YUDEN-AH122F1575S1-T Datasheet
529Kb / 8P
   CHIP ANTENNA
AH122F245001-T TAIYO-YUDEN-AH122F245001-T Datasheet
529Kb / 8P
   CHIP ANTENNA
AH122F2450S1-T TAIYO-YUDEN-AH122F2450S1-T Datasheet
529Kb / 8P
   CHIP ANTENNA
More results

Similar Description - AH12700

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
925-127P-51P AMPHENOL-925-127P-51P Datasheet
110Kb / 1P
   MATERIALS AND FINISHES
925-128C-51A AMPHENOL-925-128C-51A Datasheet
115Kb / 1P
   MATERIALS AND FINISHES
925-118C-51S AMPHENOL-925-118C-51S Datasheet
145Kb / 1P
   MATERIALS AND FINISHES
925-120C-51R AMPHENOL-925-120C-51R Datasheet
114Kb / 1P
   MATERIALS AND FINISHES
925-126J-51P AMPHENOL-925-126J-51P Datasheet
217Kb / 1P
   MATERIALS AND FINISHES
925-124P-51S AMPHENOL-925-124P-51S Datasheet
126Kb / 1P
   MATERIALS AND FINISHES
logo
ITT Industries
051520-0002 ITT-051520-0002 Datasheet
4Mb / 103P
   Materials and Finishes
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Amphenol Corporation
925-123C-51A AMPHENOL-925-123C-51A Datasheet
127Kb / 1P
   MATERIALS AND FINISHES
5275 AMPHENOL-5275 Datasheet
70Kb / 1P
   MATERIALS AND FINISHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com