Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH62430 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # AH62430
Description  Multiple finishes available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AH62430 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  AH62430 Datasheet HTML 1Page - Ohmite Mfg. Co. AH62430 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
183
AH Series
Extrusion Heatsinks
Fe A ture S
•Manyotherextrusionprofilesavailable.
ContactOhmitewithyourrequirements
•Multiplefinishesavailable
•Modificationsavailable:screwholes,bolt
patterns,millingpercustomerspecifications
Serie S Speci F ic Ation S
Width
Height
Base Thickness
Weight
Rq
Surface area
Part
(in. - mm)
(in. - mm)
(in. - mm)
(lb./ft. - kg/m)
(°C/W)
(in.2/in. - mm2/mm)
AH33000 0.75 / 19.05
0.6 / 15.24
0.09 / 2.29
0.278 / 0.413
8
9.633 / 244.68
AH54100 0.94 / 23.88
0.41 / 10.41
0.06 / 1.52
0.262 / 0.389
6.2
11.49 / 291.85
AH80126 1.095 / 27.81
1.15 / 29.21
0.2 / 5.08
0.6 / 0.891
7.1
9.881 / 250.98
AH17500 1.5 / 38.10
0.44 / 11.18
0.09 / 2.29
0.42 / 0.624
4.8
26.539 / 674.09
AH10564 1.875 / 47.63
1
/ 25.40
0.188/ 4.78
1.049 / 1.558
2.3
16.174 / 410.82
AH10551 1.92 / 48.77
1.25 / 31.75
0.25 / 6.35
1.08 / 1.604
3.8
18.005 / 457.33
AH40000 2.1 / 53.34
1
/ 25.40
0.12 / 3.05
1.184 / 1.758
3.7
22.576 / 573.43
AH29300 2.28 / 57.91
0.38 / 9.65
0.06 / 1.52
0.466 / 0.692
3.6
14.274 / 362.56
AH10719 2.312 / 58.72
1.5 / 38.10
0.156/ 3.96
1.327 / 1.971
3
23.288 / 591.52
AH67200 2.892 / 73.46
1.062/ 26.97
0.306/ 7.77
1.855 / 2.755
3.1
22.315 / 566.80
AH48600 3
/ 76.20
2.25 / 57.15
0.28 / 7.11
2.968 / 4.407
1.8
47.494 / 1,206.35
AH64100 3.12 / 79.25
1.25 / 31.75
0.312/ 7.92
2.125 / 3.156
2.7
24.613 / 625.17
AH80015 3.356 / 85.24
3.136/ 79.65
0.216/ 5.49
3.326 / 4.939
0.9
64.702 / 1,643.43
AH80000 3.5 / 88.90
0.85 / 21.59
0.2 / 5.08
1.432 / 2.127
2.2
24.973 / 634.31
AH12153 3.6 / 91.44
1.15 / 29.21
0.22 / 5.59
2.23 / 3.312
1.9
32.46 / 824.48
AH11600 3.682 / 93.52
0.774/ 19.66
0.1 / 2.54
1.18 / 1.752
2.2
26.8
/ 680.72
AH16000 3.79 / 96.27
2
/ 50.80
0.2 / 5.08
2.66 / 3.950
1.8
39.631 / 1,006.63
AH50600 3.924 / 99.67
1.21 / 30.73
0.215/ 5.46
2.34 / 3.475
1.7
33.27 / 845.06
AH12310 4.125 / 104.78
1.75 / 44.45
0.25 / 6.35
3.49 / 5.183
1.3
38.75 / 984.25
AH11958 4.4 / 111.76
1.32 / 33.53
0.22 / 5.59
2.846 / 4.226
1.6
42.936 / 1,090.57
AH32530 4.5 / 114.30
1.4 / 35.56
0.2 / 5.08
2.382 / 3.537
1.7
36.973 / 939.11
AH73900 4.527 / 114.99
0.733/ 18.62
0.149/ 3.78
1.692 / 2.513
1.6
49.614 / 1,260.20
AH13184 4.75 / 120.65
1.25 / 31.75
0.125/ 3.18
1.418 / 2.106
2
31.182 / 792.02
AH80125 4.8 / 121.92
2.22 / 56.39
0.22 / 5.59
3.947 / 5.861
1.4
64.95 / 1,649.73
AH14315 4.997 / 126.92
1.75 / 44.45
0.25 / 6.35
4.044 / 6.005
1.3
44.286 / 1,124.86
AH12700 5
/ 127.00
0.49 / 12.45
0.12 / 3.05
1.4 / 2.079
2.4
29.3
/ 744.22
AH80167 5
/ 127.00
1.75 / 44.45
0.25 / 6.35
3.093 / 4.593
1.3
54.713 / 1,389.71
AH12118 5.5 / 139.70
2
/ 50.80
0.25 / 6.35
4.11 / 6.103
1.2
55.664 / 1,413.87
AH13070 6.08 / 154.43
1.75 / 44.45
0.25 / 6.35
4.088 / 6.071
1.2
50.258 / 1,276.55
AH10578 6.5 / 165.10
1.6 / 40.64
0.2 / 5.08
3.558 / 5.284
1.3
54.414 / 1,382.12
AH61409 7.2 / 182.88
2.39 / 60.71
0.27 / 6.86
4.678 / 6.947
0.8
78.198 / 1,986.23
AH11945 7.34 / 186.44
1.312/ 33.32
0.312/ 7.92
5.042 / 7.487
1.1
61.861 / 1,571.27
AH10928 9.75 / 247.65
2.28 / 57.91
0.28 / 7.11
6.878 / 10.214
0.6
101.705 / 2,583.31
AH62430 12.25 / 311.15
2.3 / 58.42
0.3 / 7.62
10.3 / 15.296
0.6
96.972 / 2,463.09
c HA r A cteri S tic S
R
θ (°C/W) The thermal resistance is based on a 76 mm (3 inch) extrusion length in natural con-
vection, black anodized finish, and 75°C mounting surface temperature rise.
Material
Aluminum alloy 6063-T5
(continued)


Similar Part No. - AH62430

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AH60 XPPOWER-AH60 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - AH62430

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
925-127P-51P AMPHENOL-925-127P-51P Datasheet
110Kb / 1P
   MATERIALS AND FINISHES
925-128C-51A AMPHENOL-925-128C-51A Datasheet
115Kb / 1P
   MATERIALS AND FINISHES
925-118C-51S AMPHENOL-925-118C-51S Datasheet
145Kb / 1P
   MATERIALS AND FINISHES
925-120C-51R AMPHENOL-925-120C-51R Datasheet
114Kb / 1P
   MATERIALS AND FINISHES
925-126J-51P AMPHENOL-925-126J-51P Datasheet
217Kb / 1P
   MATERIALS AND FINISHES
925-124P-51S AMPHENOL-925-124P-51S Datasheet
126Kb / 1P
   MATERIALS AND FINISHES
logo
ITT Industries
051520-0002 ITT-051520-0002 Datasheet
4Mb / 103P
   Materials and Finishes
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Amphenol Corporation
925-123C-51A AMPHENOL-925-123C-51A Datasheet
127Kb / 1P
   MATERIALS AND FINISHES
5275 AMPHENOL-5275 Datasheet
70Kb / 1P
   MATERIALS AND FINISHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com