Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37524FS Datasheet(PDF) 1 Page - Rohm

Part # BD37524FS
Description  Sound Processor with Built-in 3-band Equalizer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS Datasheet(HTML) 1 Page - Rohm

  BD37524FS Datasheet HTML 1Page - Rohm BD37524FS Datasheet HTML 2Page - Rohm BD37524FS Datasheet HTML 3Page - Rohm BD37524FS Datasheet HTML 4Page - Rohm BD37524FS Datasheet HTML 5Page - Rohm BD37524FS Datasheet HTML 6Page - Rohm BD37524FS Datasheet HTML 7Page - Rohm BD37524FS Datasheet HTML 8Page - Rohm BD37524FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/31
TSZ02201-0C2C0E100490-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
16.Dec.2015 Rev.001
Sound Processor with Built-in 3-band Equalizer
BD37524FS
General Description
BD37524FS is a sound processor with built-in 3-band
equalizer for car audio. Other features are stereo 5ch
input
selector,
input-gain
control,
main
volume,
loudness, 5ch fader volume, LPF for subwoofer, level
meter. It is equipped with an
“Advanced switch circuit”,
which is an original ROHM technology that reduces
various switching noise (ex. No-signal, low frequency
likes 20Hz & large signal inputs). The
“Advanced
switch” makes control of microcomputer easier and can
be used for designing high quality car audio systems.
Features
Reduced switching noise of input gain control,
mute, main volume, fader volume, bass, treble,
and loudness by using advanced switch circuit
Built-in
differential
input
selector
and
4
single-ended input selectors
Built-in ground isolation amplifier inputs, which is
ideal for external stereo input.
Built-in input gain controller reduces switching
noise for volume of a portable audio input.
Lesser number of external components due to
built-in 3-band equalizer filter, LPF for subwoofer,
loudness filter. This makes,it possible to control
the Q, Gv, fo of 3-band equalizer, fc of LPF, fo, and
Gv of loudness through I2C BUS.
A gain adjustment quantity of ±20dB with 1 dB
step gain adjustment is possible for bass, middle,
and treble.
Built-in subwoofer output terminals.
Energy-saving design resulting in low current
consumption is achieved by utilizing the Bi-CMOS
process. It has the advantage in quality over
scaling down the power heat control of the internal
regulators.
Input pins and output pins are organized and
separately laid out to keep the signal flow in one
direction which consequently, simplify pattern
layout of the set board and decrease the board
dimensions. .
It is possible to be controlled by a 3.3V / 5V I2C
BUS
Key Specifications
Power Supply Voltage Range:
7.0V to 9.5V
Circuit Current (No Signal):
38mA(Typ)
Total Harmonic Distortion1
(FRONT,REAR):
0.001%(Typ)
Total Harmonic Distortion2
(SUBWOOFER):
0.002%(Typ)
Maximum Input Voltage:
2.3Vrms(Typ)
Cross-talk Between Selectors:
-100dB(Typ)
Volume Control Range:
+15dB to -79dB
Output Noise Voltage1
(FRONT,REAR):
3.8µVrms(Typ)
Output Noise Voltage2
(SUBWOOFER):
4.8µVrms(Typ)
Residual Output Noise Voltage:
1.8µVrms(Typ)
Operating Temperature Range:
-40°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
Applications
It is optimal for car audio systems. It is also suitable for
other audio equipment such as mini Compo, micro
Compo, TV etc
SSOP-A24
10.00mm x 7.80mm x 2.10mm
Datasheet
Datasheet


Similar Part No. - BD37524FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37524FS ROHM-BD37524FS Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37524FS ROHM-BD37524FS Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS-E2 ROHM-BD37524FS-E2 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
More results

Similar Description - BD37524FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com