Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37533FV Datasheet(PDF) 2 Page - Rohm

Part # BD37533FV
Description  Sound Processor with Built-in 3-band Equalizer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37533FV Datasheet(HTML) 2 Page - Rohm

  BD37533FV_15 Datasheet HTML 1Page - Rohm BD37533FV_15 Datasheet HTML 2Page - Rohm BD37533FV_15 Datasheet HTML 3Page - Rohm BD37533FV_15 Datasheet HTML 4Page - Rohm BD37533FV_15 Datasheet HTML 5Page - Rohm BD37533FV_15 Datasheet HTML 6Page - Rohm BD37533FV_15 Datasheet HTML 7Page - Rohm BD37533FV_15 Datasheet HTML 8Page - Rohm BD37533FV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
BD37533FV
2/33
TSZ02201-0C2C0E100540-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Typical Application Circuit
Pin Configuration
Pin Descriptions
Pin No.
Pin
Name
Description
Pin No.
Pin
Name
Description
1
A1
A input terminal of 1ch
15
MUTE
External compulsory mute terminal
2
A2
A input terminal of 2ch
16
TEST1
Test Pin
3
B1
B input terminal of 1ch
17
TEST2
Test Pin
4
B2
B input terminal of 2ch
18
OUTS2
Subwoofer output terminal of 2ch
5
C1
C input terminal of 1ch
19
OUTS1
Subwoofer output terminal of 1ch
6
C2
C input terminal of 2ch
20
OUTR2
Rear output terminal of 2ch
7
DP1
D positive input terminal of 1ch
21
OUTR1
Rear output terminal of 1ch
8
DN
D negative input terminal
22
OUTF2
Front output terminal of 2ch
9
DP2
D positive input terminal of 2ch
23
OUTF1
Front output terminal of 1ch
10
EP1
E positive input terminal of 1ch
24
VCC
Power supply terminal
11
EN1
E negative input terminal of 1ch
25
SCL
I2C Communication clock terminal
12
EN2
E negative input terminal of 2ch
26
SDA
I2C Communication data terminal
13
EP2
E positive input terminal of 2ch
27
GND
GND terminal
14
MIN
Mixing input terminal
28
FIL
VCC/2 terminal
BD37533FV
TOP VIEW
28
FIL
27
GND
26
SDA
25
SCL
24
VCC
23
OUTF1
22
OUTF2
21
OUTR1
18
OUTS2
20
OUTR2
19
OUTS1
17
TEST2
16
TEST1
15
MUTE
A1
1
A2
2
B1
3
B2
4
C1
5
C2
6
DP1
7
DN
8
EN1 11
DP2
9
EP1 10
EN2 12
EP2 13
MIN 14


Similar Part No. - BD37533FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37533FV-E2 ROHM-BD37533FV-E2 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
More results

Similar Description - BD37533FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com