Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6418ULT-02B5W1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 6418ULT-02B5W1
Description  An ideal daytime running lamp due to long life span
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

6418ULT-02B5W1 Datasheet(HTML) 1 Page - OSRAM GmbH

  6418ULT-02B5W1 Datasheet HTML 1Page - OSRAM GmbH 6418ULT-02B5W1 Datasheet HTML 2Page - OSRAM GmbH 6418ULT-02B5W1 Datasheet HTML 3Page - OSRAM GmbH 6418ULT-02B5W1 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product benefits
_ An ideal daytime running lamp due to long life span
_ Up to triple the lifetime (compared to standard lamps)
Product datasheet
6418ULT
ULTRA LIFE | Signal lamps for cars and motorcycles
__
December 12, 2016, 08:24:33
© 2016, OSRAM GmbH. All rights reserved.
6418ULT
Page 1 of 4


Similar Part No. - 6418ULT-02B5W1

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
6418074096425 FIBOX-6418074096425 Datasheet
68Kb / 2P
   PC Enclosure
25.01.2023
6418074096432 FIBOX-6418074096432 Datasheet
68Kb / 2P
   PC Enclosure
25.01.2023
6418074096449 FIBOX-6418074096449 Datasheet
68Kb / 2P
   PC Enclosure
25.01.2023
6418074096463 FIBOX-6418074096463 Datasheet
68Kb / 2P
   PC Enclosure
25.01.2023
6418074096470 FIBOX-6418074096470 Datasheet
68Kb / 2P
   PC Enclosure
25.01.2023
More results

Similar Description - 6418ULT-02B5W1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
   LED daytime running light
LEDDRL401BK12 OSRAM-LEDDRL401BK12 Datasheet
118Kb / 3P
   LED daytime running light
logo
Vishay Siliconix
VLMW321 VISHAY-VLMW321 Datasheet
910Kb / 10P
   Long life time, due to silicone casting
Rev. 1.2, 25-Apr-13
logo
OSRAM GmbH
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
   LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
   LED fog light with daytime running light functionality
logo
Hamamatsu Corporation
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
   LONG LIFE XENON LAMP SERIES
logo
United Chemi-Con, Inc.
EKXJ221E CHEMI-CON-EKXJ221E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
logo
Illinois Capacitor, Inc...
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
logo
United Chemi-Con, Inc.
EKXG251E CHEMI-CON-EKXG251E Datasheet
367Kb / 2P
   160 to 450Vdc long life, 105?
EKXG351E CHEMI-CON-EKXG351E Datasheet
367Kb / 2P
   160 to 450Vdc long life, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com